| 전자부품 데이터시트 검색엔진 |
|
L9660TR 데이터시트(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9660TR 데이터시트(HTML) 37 Page - STMicroelectronics |
|
37 / 49 page ![]() DocID024714 Rev 2 37/49 L9660 Functional description 48 Write commands definition Read commands definition Bits D13 Parity bit. Command and response use odd parity Bits D12 R/W 1 = Write (execute command) 0 = Read For bits D11:D09 the following table shall be used for diagnostic selection. MSB LSB D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MOSI Command for Diagnostic Mode Execution 1 0 P 1 Diag. Selection bits 0 0 0 SQ P IPD_DIS AMC Channel selection MISO Response for Diagnostic Mode, Stop Diagnostic Selection (MOSI D11:D9=000) Diagnostic Mode 1 1 0 P 1 0 0 0 0 0 0 0 IPD_DIS 0 000 MISO Response for Short to Battery/Ground Selection (MOSI D11:D9=001) Diagnostic Mode 2 1 0 P 1 0 0 1 STB STG 0 SQP IPD_DIS 0 Channel selection MISO Response for Diagnostic Mode, Vresx Selection (MOSI D11:D9=010) Diagnostic Mode 3 1 0 P 1 0 1 0 VR1 VR0 0 0 IPD_DIS 0 Channel selection MISO Response for Diagnostic Mode, High Side Safing Selection (MOSI D11:D9=011) Diagnostic Mode 4 1 0 P 1 0 1 1 HSS1 HSS0 0 0 IPD_DIS 0 Channel selection MISO Response for Diagnostic Mode, Squib Resistance Selection (MOSI D11:D9=100) Diagnostic Mode 5 1 0 P 1 1 0 0 0 0 0 0 IPD_DIS AMC Channel selection MISO Response for Diagnostic Mode, High Squib Resistance Selection (MOSI D11:D9=101) Diag. Mode 6 1 0 P 1 1 0 1 HSR 0 0 0 IPD_DIS 0 Channel selection MISO Response for Diagnostic Mode, Low Side FET Test Selection (MOSI D11:D9=110) Diagnostic Mode 7 1 0 P 1 1 1 0 STB STG FP FT IPD_DIS 0 Channel selection MISO Response for Diagnostic Mode, High Side FET Test Selection (MOSI D11:D9=111) Diagnostic Mode 8 1 0 P 1 1 1 1 STB STG FP FT IPD_DIS 0 Channel selection MSB LSB D15 D14 D13 D12 D11 D10 D9 D8 D7 D6 D5 D4 D3 D2 D1 D0 MOSI Command for Diagnostic Mode, READ command 1 0 P 0 0 0 0 1 1 1 1 0 0 000 MISO Response for Diagnostic Mode, READ command 1 0 P 0 Diag. Selection bits internal state X X X X IPD_DIS X Channel Selection Internal State |