전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCP154DJF 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 LCP154DJF
상세설명  Programmable transient voltage suppressor for SLIC protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LCP154DJF 데이터시트(HTML) 2 Page - STMicroelectronics

  LCP154DJF Datasheet HTML 1Page - STMicroelectronics LCP154DJF Datasheet HTML 2Page - STMicroelectronics LCP154DJF Datasheet HTML 3Page - STMicroelectronics LCP154DJF Datasheet HTML 4Page - STMicroelectronics LCP154DJF Datasheet HTML 5Page - STMicroelectronics LCP154DJF Datasheet HTML 6Page - STMicroelectronics LCP154DJF Datasheet HTML 7Page - STMicroelectronics LCP154DJF Datasheet HTML 8Page - STMicroelectronics LCP154DJF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Characteristics
LCP154DJF
2/13
DocID028213 Rev 1
1
Characteristics
Table 1. Standards compliance
Standard
Peak
surge
voltage
(V)
Voltage
waveform
Required
peak
current
(A)
Current
waveform
Minimum serial
resistor to meet
standard (
Ω )
GR-1089 Core First level
2500
1000
2/10 µs
10/1000 µs
500
100
2/10 µs
10/1000 µs
0
0
GR-1089 Core
Second level
5000
2/10 µs
500
2/10 µs
0
GR-1089 Core
Intra-building
1500
2/10 µs
100
2/10 µs
0
ITU-T-K20/K21
6000
1500
10/700 µs
150
37.5
5/310 µs
0
0
ITU-T-K20 (IEC 61000-4-2)
8000
15000
1/60 ns
ESD contact discharge
ESD air discharge
0
0
IEC 61000-4-5
4000
4000
10/700 µs
1.2/50 µs
100
100
5/310 µs
8/20 µs
0
0
TIA-968-A,
lightning surge type A
1500
800
10/160 µs
10/560 µs
200
100
10/160 µs
10/560 µs
0
0
TIA-968-A,
lightning surge type B
1000
9/720 µs
25
5/320 µs
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13