| 전자부품 데이터시트 검색엔진 |
|
VSC7928X 데이터시트(PDF) 3 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC7928X 데이터시트(HTML) 3 Page - Vitesse Semiconductor Corporation |
|
3 / 10 page ![]() VITESSE SEMICONDUCTOR CORPORATION Preliminary Data Sheet VSC7928 SONET/SDH 3.2Gb/s Laser Diode Driver G52246-0, Rev 3.0 Page 3 04/05/01 © VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012 Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com Internet: www.vitesse.com Table 5: High Speed Inputs and ECL Outputs Table 6: Power Dissipation Table 7: Laser Driver DC Electrical Specifications Table 8: Laser Driver AC Electrical Specifications Symbol Parameter Min Typ Max Units Conditions VIN Single-ended Input Voltage Swing 300 — 1500 mVp-p VCM = -2.0V VCM Differential Input Common Mode Range -2.3 — -1.3 V VSS = -5.2V VOH ECL Output High Voltage -1200 — — mV 50 Ω to -2.0V VOL ECL Output Low Voltage — — -1600 mV 50 Ω to -2.0V VIN On-Chip Terminations 35 — 65 Ω Symbol Parameter Min Typ Max Units Conditions IVSS Power Supply Current (VSS) — 80 120 mA VSS = -5.5V, IMOD = IBIAS = 0mA, MK/NMK open circuit PD Total Power Dissipation —— 700 mW VSS = -5.5V, IMOD = IBIAS = 0mA, RLOAD = 25Ω to GND, MK/NMK terminated 50 Ω to -2V Symbol Parameter Min Typ Max Units Conditions IBIAS Programmable Laser Bias Current 2 — 100 mA IMOD Programmable Modulation Current 2 — 100 mA VIB Laser Bias Control Voltage —— VSS + 2.1 VIBIAS = 50mA VIP Laser Modulation Control Voltage —— VSS + 2.1 VIMOD= 60mA VOCM Output Voltage Compliance — GND - 3V — VVSS = -5.2V Symbol Parameter Min Typ Max Units Conditions tR, tF Output Rise and Fall Times —— 100 ps 25 Ω load, 20%-80%, 20mA < IMOD < 60mA, IBIAS = 60mA tSU Data to Clock Setup Time — 50 90 ps — tH Hold Time 20 50 — ps — |