전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSC8117QP 데이터시트(PDF) 4 Page - Vitesse Semiconductor Corporation

부품명 VSC8117QP
상세설명  ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux with Integrated Clock Generation and Clock Recovery
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VITESSE [Vitesse Semiconductor Corporation]
홈페이지  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC8117QP 데이터시트(HTML) 4 Page - Vitesse Semiconductor Corporation

  VSC8117QP Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC8117QP Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC8117QP Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC8117QP Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC8117QP Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC8117QP Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC8117QP Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC8117QP Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC8117QP Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Data Sheet
VSC8117
ATM/SONET/SDH 622/155 Mb/s Transceiver Mux/Demux
with Integrated Clock Generation and Clock Recovery
Page 4
© VITESSE SEMICONDUCTOR CORPORATION
G52221-0, Rev 4.1
741 Calle Plano, Camarillo, CA 93012 • 805/388-3700 • FAX: 805/987-5896
1/8/00
Loss of Signal
The VSC8117 features Loss of Signal (LOS) detection. Loss of Signal is declared if the incoming serial
data stream has no transition continuously for more than 128 bits. During an LOS condition, the VSC8117
forces the receive data low which is an indication for any downstream equipment that an optical interface failure
has occurred. The receive section continues to be clocked by the CRU as it is now locked to the CRUREFCLK
unless DSBLCRU is active or CRUREFSEL is inactive in which case it will be clocked by the CMU. This LOS
condition will be removed when the part detects more than 16 transitions in a 128 bit time window. This LOS
detection feature can be disabled by applying a high level to the LOSDETEN_ input. The VSC8117 also has a
PECL input LOSPECL to force the part into a Loss of Signal state. Most optics have a PECL output usually
called “SD” or “FLAG” indicating a lack of or presence of optical power. Depending on the optics manufacturer
this signal is either active high or active low. The LOSPECL input on the VSC8117 is active low.
Figure 2: Data and Clock Receive Block Diagram
Facility Loopback
The Facility Loopback function is controlled by the FACLOOP signal. When the FACLOOP signal is set
high, the Facility Loopback mode is activated and the high speed serial receive data (RXDATAIN) is presented
to the high speed transmit output (TXDATAOUT). See Figure 3. In Facility Loopback mode the high speed
receive data (RXDATAIN) is also converted to parallel data and presented to the low speed receive data output
pins (RXOUT[7:0]). The receive clock (RXCLKIN) or the recovered clock is also divided down and presented
to the low speed clock output (RXLSCKOUT).
DQ
DQ
DQ
0
1
Divide-by-8
CMU
DQ
PM5355
DQ
RXOUT[7:0]
FP
RXLSCKOUT
VSC8117
CRU
RXDATAIN+/-
RXCLKIN+/-
DSBLCRU
0
1
0
1
LOSPECL
LOSDETEN_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22