전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

X9110 데이터시트(PDF) 1 Page - Xicor Inc.

부품명 X9110
상세설명  Single Digitally-Controlled (XDCP) Potentiometer
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  XICOR [Xicor Inc.]
홈페이지  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9110 데이터시트(HTML) 1 Page - Xicor Inc.

  X9110 Datasheet HTML 1Page - Xicor Inc. X9110 Datasheet HTML 2Page - Xicor Inc. X9110 Datasheet HTML 3Page - Xicor Inc. X9110 Datasheet HTML 4Page - Xicor Inc. X9110 Datasheet HTML 5Page - Xicor Inc. X9110 Datasheet HTML 6Page - Xicor Inc. X9110 Datasheet HTML 7Page - Xicor Inc. X9110 Datasheet HTML 8Page - Xicor Inc. X9110 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
REV 1.1.4 11/13/00
Characteristics subject to change without notice.
1 of 21
www.xicor.com
X9110
Single Digitally-Controlled (XDCP) Potentiometer
FEATURES
• 1024 Resistor Taps – 10-Bit Resolution
• SPI Serial Interface for write, read, and transfer
operations of the potentiometer
• Wiper Resistance, 40
Ω Typical @ 5V
• Four Non-Volatile Data Registers
• Non-Volatile Storage of Multiple Wiper Positions
• Power On Recall. Loads Saved Wiper Position on
Power Up.
• Standby Current < 3µA Max
• System VCC: 2.7V to 5.5V Operation
• Analog V+/V-: -5V to +5V
• 100K
Ω End to End Resistance
• 100 yr. Data Retention
• Endurance: 100, 000 data changes per bit per
register
• 14-Lead TSSOP, xx-Lead XBGA
• Dual Supply Version of the X9111
• Low Power CMOS
DESCRIPTION
The X9110 integrates a single digitally controlled
potentiometer
(XDCP)
on
a
monolithic
CMOS
integrated circuit.
The digital controlled potentiometer is implemented
using 1023 resistive elements in a series array.
Between each element are tap points connected to the
wiper terminal through switches. The position of the
wiper on the array is controlled by the user through the
SPI bus interface. The potentiometer has associated
with it a volatile Wiper Counter Register (WCR) and
four non-volatile Data Registers that can be directly
written to and read by the user. The contents of the
WCR controls the position of the wiper on the resistor
array though the switches. Powerup recalls the
contents of the default data register (DR0) to the WCR.
The
XDCP
can
be
used
as
a
three-terminal
potentiometer or as a two terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
Dual Supply / Low Power / 1024-tap / SPI bus
APPLICATION NOTES AND DEVELOPMENT SYSTEM
A V A I L A B L E
AN99 • AN115 • AN124 •AN133 • AN134 • AN135
FUNCTIONAL DIAGRAM
RH
RL
Bus
RW
Interface &
Control
POT
VCC
VSS
SPI
Bus
Address
Data
Status
Write
Read
Wiper
1024-taps
Transfer
NC
NC
100K
Power On Recall
Wiper Counter
Register (WCR)
Data Registers
(DR0-DR3)
Control
Interface
V+
V-
Preliminary Information


유사한 부품 번호 - X9110

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
X9110 INTERSIL-X9110 Datasheet
369Kb / 18P
Single Digitally-Controlled (XDCP) Potentiometer
October 7, 2005
X9110 INTERSIL-X9110 Datasheet
312Kb / 18P
Dual Supply/Low Power/1024-Tap/SPI Bus
February 13, 2008
X9110 INTERSIL-X9110 Datasheet
1Mb / 8P
DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9110 RENESAS-X9110 Datasheet
774Kb / 18P
Dual Supply/Low Power/1024-Tap/SPI Bus, Single Digitally-Controlled (XDCP?? Potentiometer
logo
Intersil Corporation
X9110 INTERSIL-X9110 Datasheet
309Kb / 18P
Single Digitally-Controlled Potentiometer
February 13, 2008
More results

유사한 설명 - X9110

제조업체부품명데이터시트상세설명
logo
Xicor Inc.
X9421 XICOR-X9421 Datasheet
117Kb / 21P
Single Digitally Controlled (XDCP) Potentiometer
X9279 XICOR-X9279 Datasheet
398Kb / 24P
Single Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
Single Digitally Controlled Potentiometer (XDCP)
October 7, 2005
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
Single Digitally Controlled (XDCP) Potentiometer
September 23, 2005
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
Single Digitally Controlled Potentiometer XDCP
September 1, 2009
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
Single Digitally-Controlled (XDCP?? Potentiometer
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
Single, Digitally Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
Single Digitally-Controlled (XDCP?? Potentiometer
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
Single Digitally Controlled Potentiometer (XDCP??
November 21, 2007
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
Single Digitally-Controlled (XDCP ??) Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com