전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29SL800D 데이터시트(PDF) 44 Page - Advanced Micro Devices

부품명 AM29SL800D
상세설명  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800D 데이터시트(HTML) 44 Page - Advanced Micro Devices

Back Button AM29SL800D Datasheet HTML 38Page - Advanced Micro Devices AM29SL800D Datasheet HTML 39Page - Advanced Micro Devices AM29SL800D Datasheet HTML 40Page - Advanced Micro Devices AM29SL800D Datasheet HTML 41Page - Advanced Micro Devices AM29SL800D Datasheet HTML 42Page - Advanced Micro Devices AM29SL800D Datasheet HTML 43Page - Advanced Micro Devices AM29SL800D Datasheet HTML 44Page - Advanced Micro Devices AM29SL800D Datasheet HTML 45Page - Advanced Micro Devices AM29SL800D Datasheet HTML 46Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 46 page
background image
ADV ANCE
I N FO RMAT I O N
March 17, 2003
Am29SL800D
43
Dwg rev AF; 10/99
PHYSICAL DIMENSIONS
FBC048–48-Ball Fine-Pitch Ball Grid Array (FBGA)
8 x 9 mm package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46