전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F505 데이터시트(PDF) 7 Page - Microchip Technology

부품명 PIC16F505
상세설명  8/14-Pin, 8-Bit Flash Microcontrollers
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505 데이터시트(HTML) 7 Page - Microchip Technology

Back Button PIC16F505 Datasheet HTML 3Page - Microchip Technology PIC16F505 Datasheet HTML 4Page - Microchip Technology PIC16F505 Datasheet HTML 5Page - Microchip Technology PIC16F505 Datasheet HTML 6Page - Microchip Technology PIC16F505 Datasheet HTML 7Page - Microchip Technology PIC16F505 Datasheet HTML 8Page - Microchip Technology PIC16F505 Datasheet HTML 9Page - Microchip Technology PIC16F505 Datasheet HTML 10Page - Microchip Technology PIC16F505 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 98 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS41236A-page 5
PIC12F508/509/16F505
1.0
GENERAL DESCRIPTION
The PIC12F508/509/16F505 devices from Microchip
Technology are low-cost, high-performance, 8-bit, fully-
static, Flash-based CMOS microcontrollers. They
employ a RISC architecture with only 33 single word/
single cycle instructions. All instructions are single
cycle (200
µs) except for program branches, which
take two cycles. The PIC12F508/509/16F505 devices
deliver performance an order of magnitude higher than
their competitors in the same price category. The 12-bit
wide instructions are highly symmetrical, resulting in a
typical
2:1
code
compression
over
other
8-bit
microcontrollers in its class. The easy to use and easy
to remember instruction set reduces development time
significantly.
The PIC12F508/509/16F505 products are equipped
with special features that reduce system cost and
power requirements. The Power-on Reset (POR) and
Device Reset Timer (DRT) eliminate the need for
external Reset circuitry. There are four oscillator config-
urations to choose from (six on the PIC16F505), includ-
ing INTRC Internal Oscillator mode and the power-
saving LP (Low-power) Oscillator mode. Power-saving
Sleep mode, Watchdog Timer and code protection
features improve system cost, power and reliability.
The PIC12F508/509/16F505 devices are available in
the cost-effective Flash programmable version, which
is suitable for production in any volume. The customer
can take full advantage of Microchip’s price leadership
in
Flash
programmable
microcontrollers,
while
benefiting from the Flash programmable flexibility.
The PIC12F508/509/16F505 products are supported
by a full-featured macro assembler, a software simula-
tor, an in-circuit emulator, a ‘C’ compiler, a low-cost
development programmer and a full featured program-
mer. All the tools are supported on IBM® PC and
compatible machines.
1.1
Applications
The PIC12F508/509/16F505 devices fit in applications
ranging from personal care appliances and security
systems to low-power remote transmitters/receivers.
The Flash technology makes customizing application
programs
(transmitter
codes,
appliance
settings,
receiver frequencies, etc.) extremely fast and conve-
nient. The small footprint packages, for through hole or
surface mounting, make these microcontrollers perfect
for applications with space limitations. Low cost, low
power, high performance, ease of use and I/O flexibility
make the PIC12F508/509/16F505 devices very versa-
tile even in areas where no microcontroller use has
been considered before (e.g., timer functions, logic and
PLDs in larger systems and coprocessor applications).
TABLE 1-1:
PIC12F508/509/16F505 DEVICES
PIC12F508
PIC12F509
PIC16F505
Clock
Maximum Frequency of Operation (MHz)
4
4
20
Memory
Flash Program Memory
512
1024
1024
Data Memory (bytes)
25
41
72
Peripherals
Timer Module(s)
TMR0
TMR0
TMR0
Wake-up from Sleep on Pin Change
Yes
Yes
Yes
Features
I/O Pins
5
5
11
Input Pins
1
1
1
Internal Pull-ups
Yes
Yes
Yes
In-Circuit Serial Programming
Yes
Yes
Yes
Number of Instructions
33
33
33
Packages
8-pin PDIP, SOIC,
MSOP
8-pin PDIP, SOIC,
MSOP
14-pin PDIP, SOIC,
TSSOP
The PIC12F508/509/16F505 devices have Power-on Reset, selectable Watchdog Timer, selectable code-protect, high I/O current
capability and precision internal oscillator.
The PIC12F508/509/16F505 device uses serial programming with data pin RB0/GP0 and clock pin RB1/GP1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com