| 전자부품 데이터시트 검색엔진 |
|
CS5523-AP 데이터시트(PDF) 32 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5523-AP 데이터시트(HTML) 32 Page - Cirrus Logic |
|
32 / 56 page ![]() CS5521/22/23/24/28 32 DS317F2 tion of offset to occur in the 25 mV, 55 mV, and 100 mV ranges, the AIN- pin must be at the proper common-mode-voltage as specified in ‘Common Mode +Signal AIN+/-’ specification in the Analog Input section (if AIN- = 0 V, NBV must be between -1.8 V to -2.5 V). For self-calibration of offset in the 1.0 V, 2.5 V, and 5 V ranges, the inputs of the mod- ulator are connected together and then routed to the VREF- pin as shown in Figure 12. For self-calibration of gain, the differential inputs of the modulator are connected to VREF+ and VREF- as shown in Figure 13. For any input range other than the 2.5 V range, the converter’s gain er- ror can not be completely calibrated out when using self-calibration. This is due to the lack of an accu- rate full scale voltage internal to the chips. The 2.5 V range is an exception because the external reference voltage is 2.5 V nominal and is used as the full scale voltage. In addition, when self-cali- bration of gain is performed in the 25 mV, 55 mV, and 100 mV input ranges, the instrumentation am- plifier’s gain is not calibrated. These two factors can leave the converters with a gain error of up to ±20% after self-calibration of gain. Therefore, a system gain calibration is required to get better ac- curacy, except for the 2.5 V range. 2.3.2 System Calibration For the system calibration functions, the user must supply the calibration signals to the converter which represent ground and full scale. When a system offset calibration is performed, a ground referenced signal must be applied to the converters. See Figures 14 and 15. As shown in Figures 16 and 17, the user must input a signal representing the positive full scale point to AIN+ AIN- S1 OPEN S2 CLOSED + - X20 + - Figure 11. Self Calibration of Offset (Low Ranges) AIN+ AIN- S1 OPEN + - X20 + - S2 OPEN S4 CLOSED VREF- Figure 12. Self Calibration of Offset (High Ranges) AIN+ AIN- OPEN + - X20 + - OPEN CLOSED VREF+ CLOSED VREF- + - Reference Figure 13. Self Calibration of Gain (All Ranges) + - X20 + - External Connections 0V + - AIN+ AIN- CM + - Figure 14. System Calibration of Offset (Low Ranges) |