전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5528-AP 데이터시트(PDF) 22 Page - Cirrus Logic

부품명 CS5528-AP
상세설명  16 BIT OR 24 BIT 2/4/8 CHANNEL ADCS WITH PGIA
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5528-AP 데이터시트(HTML) 22 Page - Cirrus Logic

Back Button CS5528-AP Datasheet HTML 18Page - Cirrus Logic CS5528-AP Datasheet HTML 19Page - Cirrus Logic CS5528-AP Datasheet HTML 20Page - Cirrus Logic CS5528-AP Datasheet HTML 21Page - Cirrus Logic CS5528-AP Datasheet HTML 22Page - Cirrus Logic CS5528-AP Datasheet HTML 23Page - Cirrus Logic CS5528-AP Datasheet HTML 24Page - Cirrus Logic CS5528-AP Datasheet HTML 25Page - Cirrus Logic CS5528-AP Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
CS5521/22/23/24/28
22
DS317F2
PERFORM CONVERSION
Function:
These commands instruct the ADC to perform conversions on the physical input channel point-
ed to by the pointer bits (CSRP2 - CSRP0) in the channel-setup registers. The particular type
of conversion performed is determined by the states of the conversion control bits (the multiple
conversion bit, the loop bit, read convert bit, and the depth pointer bits) in the configuration reg-
ister.
CSRP [3:0] (Channel Setup Register Pointer Bits)
0000
Setup 1 (All devices)
0001
Setup 2 (All devices)
0010
Setup 3 (All devices)
0011
Setup 4 (All devices)
0100
Setup 5 (CS5523/24/28)
0101
Setup 6 (CS5523/24/28)
0110
Setup 7 (CS5523/24/28)
0111
Setup 8 (CS5523/24/28)
1000
Setup 9 (CS5528 only)
1001
Setup 10 (CS5528 only)
1010
Setup 11 (CS5528 only)
1011
Setup 12 (CS5528 only)
1100
Setup 13 (CS5528 only)
1101
Setup 14 (CS5528 only)
1110
Setup 15 (CS5528 only)
1111
Setup 16 (CS5528 only)
D7(MSB)
D6
D5D4D3D2D1
D0
1
CSRP3
CSRP2
CSRP1
CSRP0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56