전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STG4210 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STG4210
상세설명  Low voltage 1 Ω dual SPST analog switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4210 데이터시트(HTML) 4 Page - STMicroelectronics

  STG4210 Datasheet HTML 1Page - STMicroelectronics STG4210 Datasheet HTML 2Page - STMicroelectronics STG4210 Datasheet HTML 3Page - STMicroelectronics STG4210 Datasheet HTML 4Page - STMicroelectronics STG4210 Datasheet HTML 5Page - STMicroelectronics STG4210 Datasheet HTML 6Page - STMicroelectronics STG4210 Datasheet HTML 7Page - STMicroelectronics STG4210 Datasheet HTML 8Page - STMicroelectronics STG4210 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Logic diagram
STG4210
4/21
2
Logic diagram
Figure 2.
Logic block diagram
Table 3.
Truth table
SELn
Switch Sn
LOFF(1)
1.
High impedance
H
Sn is connected to Dn
SEL2
S1
D1
S2
D2
SEL1
CS00066
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21