| 전자부품 데이터시트 검색엔진 |
|
HD404848FS 데이터시트(PDF) 49 Page - Hitachi Semiconductor |
|
|
|||||||||||||||||||||||||||||
HD404848FS 데이터시트(HTML) 49 Page - Hitachi Semiconductor |
|
49 / 125 page ![]() HD404849 Series 49 Bit Initial value Read/Write Bit name 3 0 W DCD03, 2 0 W DCD02, 0 0 W DCD00, 1 0 W DCD01, DCD0, DCD1 Data control register (DCD0 to DCD2: $02C to $02E) (DCR0 to DCR7: $030 to $037) DCD13 DCD12 DCD10 DCD11 Bit Initial value Read/Write Bit name 3 — — Not used 2 — — Not used 0 0 W DCD20 1 — — Not used DCD2 Bit Initial value Read/Write Bit name 3 0 W DCR03– 2 0 W DCR02– 0 0 W DCR00– 1 0 W DCR01– DCR0 to DCR3, DCR6, DCR7 DCR33 DCR32 DCR30 DCR31 DCR73 DCR72 DCR70 DCR71 DCR63– DCR62– DCR60– DCR61– Correspondence between ports and DCD/DCR bits 0 1 DCD0 DCD1 DCD2 DCR0 DCR1 DCR2 DCR3 DCR6 DCR7 Off (high-impedance) On All Bits CMOS Buffer On/Off Selection Register Name D3 D7 — R03 R13 R23 R33 R63 R73 Bit 3 D2 D6 — R02 R12 R22 R32 R62 R72 Bit 2 D1 D5 — R01 R11 R21 R31 R61 R71 Bit 1 D0 D4 D8 R00 R10 R20 R30 R60 R70 Bit 0 Figure 29 Data Control Registers (DCD, DCR) |