| 전자부품 데이터시트 검색엔진 |
|
LD1117DT12 데이터시트(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD1117DT12 데이터시트(HTML) 8 Page - STMicroelectronics |
|
8 / 38 page ![]() Electrical characteristics LD1117 series 8/38 Table 6. Electrical characteristics of LD1117#28 (refer to the test circuits, TJ = 0 to 125°C, CO = 10 µF, unless otherwise specified). Symbol Parameter Test Min. Typ. Max. Unit VO Output voltage Vin = 4.85 V, IO = 10 mA, TJ = 25°C 2.82 2.85 2.88 V VO Output voltage IO = 0 to 800 mA, Vin = 4.25 to 10 V 2.79 2.91 V ∆VO Line regulation Vin = 4.25 to 10 V, IO = 0 mA 1 6 mV ∆VO Load regulation Vin = 4.25 V, IO = 0 to 800 mA 1 10 mV ∆VO Temperature stability 0.5 % ∆VO Long term stability 1000 hrs, TJ = 125°C 0.3 % Vin Operating input voltage IO = 100 mA 15 V Id Quiescent current Vin ≤10 V 5 10 mA IO Output current Vin = 7.85 VTJ = 25°C 800 950 1300 mA eN Output noise voltage B =10Hz to 10KHz, TJ = 25°C 100 µV SVR Supply voltage rejection IO = 40 mA, f = 120Hz, TJ = 25°C Vin = 5.85 V, Vripple = 1 VPP 60 75 dB Vd Dropout voltage IO = 100 mA 1 1.1 V IO = 500 mA 1.05 1.15 IO = 800 mA 1.10 1.2 Thermal regulation Ta = 25°C, 30ms Pulse 0.01 0.1 %/W |