전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LDR3318K7-R 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 LDR3318K7-R
상세설명  VERY LOW DROP DUAL VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDR3318K7-R 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button LDR3318K7-R Datasheet HTML 5Page - STMicroelectronics LDR3318K7-R Datasheet HTML 6Page - STMicroelectronics LDR3318K7-R Datasheet HTML 7Page - STMicroelectronics LDR3318K7-R Datasheet HTML 8Page - STMicroelectronics LDR3318K7-R Datasheet HTML 9Page - STMicroelectronics LDR3318K7-R Datasheet HTML 10Page - STMicroelectronics LDR3318K7-R Datasheet HTML 11Page - STMicroelectronics LDR3318K7-R Datasheet HTML 12Page - STMicroelectronics LDR3318K7-R Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
LDRxxyy
9/13
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
1.78
2.03
0.070
0.080
A2
0.03
0.13
0.001
0.005
C
0.25
0.010
C1
0.25
0.010
D
1.02
1.27
0.040
0.050
D1
7.87
8.13
0.310
0.320
F
0.63
0.79
0.025
0.031
G
1.27
0.050
G1
7.62
0.3
H1
5.59
0.220
H2
9.27
9.52
0.365
0.375
H3
8.89
9.14
0.350
0.360
L
10.41
10.67
0.410
0.420
L1
7.49
0.295
L2
8.89
9.14
0.350
0.360
M
0.79
1.04
0.031
0.041
N
0.25
0.010
V3˚
6˚
3˚
6˚
SPAK-7L MECHANICAL DATA
PO13F2/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13