| 전자부품 데이터시트 검색엔진 |
|
LDR3325PT-R 데이터시트(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LDR3325PT-R 데이터시트(HTML) 2 Page - STMicroelectronics |
|
2 / 13 page ![]() LDRxxyy 2/13 Table 1: Absolute Maximum Ratings Absolute Maximum Rating are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. Table 2: Thermal Data Figure 2: Connection Diagram (top view) Table 3: Pin Description Table 4: Order Codes Symbol Parameter Value Unit VI1 & VI2 DC Input Voltage -0.3 to 15 V INH Shutdown Voltage -0.3 to 15 V IO Output Current Internally Limited PTOT Power Dissipation Internally Limited TSTG Storage Temperature Range -50 to +150 °C TA Operating Ambient Temperature Range -40 to +125 °C Symbol Parameter PPAK SPAK-7L Unit RTHJ-C Junction to case thermal resistance 82 °C/W Symbol Pin N° for PPAK Pin N° for SPAK-7L Name and Function GND 3 4 Ground pin VI1 2 2 Input 1 Supply Pin. Bypass with a 2.2µF capacitor to GND VI2 1 1 Input 2 Supply Pin. Bypass with a 2.2µF capacitor to GND VINH1 3 Enable 1 Pin. Internally connected to VI1 in the PPAK version VINH2 5 Enable 2 Pin. Internally connected to VI2 in the PPAK version VO1 4 6 Output 1 Pin. Bypass with a 4.7µF capacitor to GND Port VO2 5 7 Output 2 Pin. Bypass with a 4.7µF capacitor to GND Port N.C. Not Internally Connected VO1 VO2 TYPE PART NUMBERS SPAK-7L PPAK 1.8 V 2.5 V LDR1825 LDR1825K7-R LDR1825PT-R 1.8 V 3.3 V LDR1833 LDR1833K7-R LDR1833PT-R 2.5 V 1.8 V LDR2518 LDR2518K7-R LDR2518PT-R 2.5 V 3.3 V LDR2533 LDR2533K7-R LDR2533PT-R 3.3 V 1.8 V LDR3318 LDR3318K7-R LDR3318PT-R 3.3 V 2.5 V LDR3325 LDR3325K7-R LDR3325PT-R SPAK-7L PPAK |