| 전자부품 데이터시트 검색엔진 |
|
LD1117D28 데이터시트(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LD1117D28 데이터시트(HTML) 32 Page - STMicroelectronics |
|
32 / 38 page ![]() Package mechanical data LD1117 series 32/38 DIM. mm. inch MIN. TYP MAX. MIN. TYP. MAX. A 4.40 4.60 0.173 0.181 C 1.23 1.32 0.048 0.051 D 2.40 2.72 0.094 0.107 D1 1.27 0.050 E 0.49 0.70 0.019 0.027 F 0.61 0.88 0.024 0.034 F1 1.14 1.70 0.044 0.067 F2 1.14 1.70 0.044 0.067 G 4.95 5.15 0.194 0.203 G1 2.4 2.7 0.094 0.106 H2 10.0 10.40 0.393 0.409 L2 16.4 0.645 L4 13.0 14.0 0.511 0.551 L5 2.65 2.95 0.104 0.116 L6 15.25 15.75 0.600 0.620 L7 6.2 6.6 0.244 0.260 L9 3.5 3.93 0.137 0.154 DIA. 3.75 3.85 0.147 0.151 TO-220 MECHANICAL DATA P011C |