| 전자부품 데이터시트 검색엔진 |
|
D22018LP 데이터시트(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
|
|||||||||||||||||||||||||||||
D22018LP 데이터시트(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
5 / 10 page ![]() Series D2 PCB Mount Miniature Toggles A28 A www.nkkswitches.com D22012P D22012LP Actuator in Down Position D22042P D22042LP Actuator in Down Position Straight PC • Double Pole Straight PC • Four Pole D22022P D22022LP Actuator in Down Position Straight PC • Single Pole Keyway (2.8) Dia .110 24° M6 P0.75 (0.8) Dia Typ .031 (5.08) Typ .200 (3.6) .142 (10.5) .413 (7.2) .283 (13.9) .547 (7.0) .276 (14.4) .567 3 2 1 (0.3) .012 (0.3) .012 Keyway (5.1) Dia .201 24° M6 P0.75 (0.8) Dia Typ .031 (5.08) Typ .200 (3.6) .142 (17.9) .705 (6.1) .240 (13.9) .547 (19.4) .764 Keyway (2.8) Dia .110 24° M6 P0.75 (0.8) Dia Typ .031 (5.08) Typ .200 (3.6) .142 (10.5) .413 (7.2) .283 (13.9) .547 3 2 1 6 5 4 (12.4) .488 (14.4) .567 (0.3) .012 (0.3) .012 (5.08) .200 Keyway (5.1) Dia .201 24° M6 P0.75 (0.8) Dia Typ .031 (5.08) Typ .200 (3.6) .142 (17.9) .705 (6.1) .240 (13.9) .547 (19.4) .764 Keyway (0.8) Dia Typ .031 (5.08) Typ .200 (3.6) .142 (13.9) .547 (5.1) Dia .201 24° M6 P0.75 (17.9) .705 (6.1) .240 (19.4) .764 Keyway (2.8) Dia .110 24° M6 P0.75 (0.8) Dia Typ .031 (5.08) Typ .200 (3.6) .142 (10.5) .413 (7.2) .283 (13.9) .547 (22.6) .890 (14.4) .567 (0.3) .012 (0.3) .012 3 2 1 5 4 (5.08) Typ .200 9 8 7 11 10 6 12 (2.54)Typ .100 (5.08) Typ .200 1 2 (1.0) Dia Typ .039 3 (5.08) Typ .200 4 5 (1.0) Dia Typ .039 6 1 2 3 (5.08) .200 (5.08) Typ .200 10 11 (1.0) Dia Typ .039 12 7 8 9 4 5 6 1 2 3 (5.08) Typ .200 TYPICAL SWITCH DIMENSIONS |