전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LHRFDBK9553-R5-B01 데이터시트(PDF) 10 Page - LIGITEK electronics co., ltd.

부품명 LHRFDBK9553-R5-B01
상세설명  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LIGITEK [LIGITEK electronics co., ltd.]
홈페이지  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRFDBK9553-R5-B01 데이터시트(HTML) 10 Page - LIGITEK electronics co., ltd.

Back Button LHRFDBK9553-R5-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LHRFDBK9553-R5-B01 Datasheet HTML 13Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LHRFDBK9553/R5-B01
Box Explanation
Page 9/12
3. 10 INNER BOXES / CARTON
4. CARTON SIZE : L X W X H 58cm X 34cm x 35cm
L
W
H
1. 5 BAG / INNER BOX
2. INNER BOX SIZE : L X W X H 23cm X 8.5cm x 26cm
L
H
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com