전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD1117DC-R 데이터시트(PDF) 32 Page - STMicroelectronics

부품명 LD1117DC-R
상세설명  LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1117DC-R 데이터시트(HTML) 32 Page - STMicroelectronics

Back Button LD1117DC-R Datasheet HTML 28Page - STMicroelectronics LD1117DC-R Datasheet HTML 29Page - STMicroelectronics LD1117DC-R Datasheet HTML 30Page - STMicroelectronics LD1117DC-R Datasheet HTML 31Page - STMicroelectronics LD1117DC-R Datasheet HTML 32Page - STMicroelectronics LD1117DC-R Datasheet HTML 33Page - STMicroelectronics LD1117DC-R Datasheet HTML 34Page - STMicroelectronics LD1117DC-R Datasheet HTML 35Page - STMicroelectronics LD1117DC-R Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Package mechanical data
LD1117 series
32/38
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
TO-220 MECHANICAL DATA
P011C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38