전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P4802ACMC 데이터시트(PDF) 156 Page - Teccor Electronics

부품명 P4802ACMC
상세설명  solid state crowbar devices
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TECCOR [Teccor Electronics]
홈페이지  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

P4802ACMC 데이터시트(HTML) 156 Page - Teccor Electronics

Back Button P4802ACMC Datasheet HTML 152Page - Teccor Electronics P4802ACMC Datasheet HTML 153Page - Teccor Electronics P4802ACMC Datasheet HTML 154Page - Teccor Electronics P4802ACMC Datasheet HTML 155Page - Teccor Electronics P4802ACMC Datasheet HTML 156Page - Teccor Electronics P4802ACMC Datasheet HTML 157Page - Teccor Electronics P4802ACMC Datasheet HTML 158Page - Teccor Electronics P4802ACMC Datasheet HTML 159Page - Teccor Electronics P4802ACMC Datasheet HTML 160Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 212 page
background image
UL 497C
http://www.teccor.com
4 - 32
© 2002 Teccor Electronics
+1 972-580-7777
SIDACtor® Data Book and Design Guide
UL 497C
UL 497C requirements cover protectors for use on coaxial cable circuits. This standard
covers construction and performance requirements.
UL 497C Construction and Performance Requirements
The “Construction” section covers the following requirements:
• General
• Corrosion Protection
• Field-wiring Connections
• Components
• Spacing
• Enclosures
The “Performance” section covers the following requirements:
• General
• I2t Limiting
• Abnormal Sustained Current
• Component Temperature Test
• Breakdown Voltage Measurement
• Impulse Spark-over Voltage Measurement
• Limited Short-circuit Test
• High Current Ground Path Test
• Cable Shield Fuse Test
• Endurance Conditioning Test
• Induced Low Current Test
• Distortion Test
• Flame Test
• Impact Test (Polymeric Enclosures)
• Jarring Test
• Water Spray Test
• Leakage Current Test
• Dielectric Voltage-withstand Test
• Ultraviolet Light and Water Exposure
• Tensile Strength and Elongation Tests
• Air Oven Aging
• Ozone Exposure
Performance Requirements Specific to SIDACtor Devices
1. Strike Voltage Breakdown Test — Protectors are required to break down within ±25% of
the manufacturer’s specified breakdown range but no higher than 750 V at
£ 2 kV/s rise
time.
2. Endurance Conditioning — Protectors are subjected to 500 impulse cycles. Each cycle is
a 1000 V peak, 10 A, 10x1000 µs pulse. Pulses are applied in one polarity at 10-second
intervals and then repeated in the opposite polarity. Then, 100 cycles of 1000 V peak,
100 A, 10x1000 µs pulse are applied to three new protectors. Finally, two cycles of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com