| 전자부품 데이터시트 검색엔진 |
|
S3A3 데이터시트(PDF) 50 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
S3A3 데이터시트(HTML) 50 Page - Renesas Technology Corp |
|
50 / 139 page ![]() R01DS0307EU0100 Rev.1.00 Page 50 of 139 Mar 7, 2017 S3A3 2. Electrical Characteristics Figure 2.19 Voltage dependency in low-speed mode (reference data) Figure 2.20 Voltage dependency in low-voltage mode (reference data) 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 VCC (V) Ta = 25 , ICLK = 1 MHz *1 Ta = 105 , ICLK = 1 MHz *2 Ta = 105 , ICLK = 1 MHz*2 Ta = 25 , ICLK = 1 MHz*1 Note 1. All peripheral operations except any BGO operation are operating normally. This is the average of the actual measurements of the sample cores during product evaluation. Note 2. All peripheral operations except any BGO operation are operating at maximum. This is the average of the actual measurements for the upper-limit samples during product evaluation. 0 1 2 3 4 5 6 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 VCC (V) Ta = 25 , ICLK = 4 MHz *1 Ta = 105 , ICLK = 4 MHz *2 Ta = 25 , ICLK = 1 MHz *1 Ta = 105 , ICLK = 1 MHz *2 Ta = 105 , ICLK = 1 MHz *2 Ta = 105 , ICLK = 4 MHz*2 Ta = 25 , ICLK = 1 MHz *1 Ta = 25 , ICLK = 4 MHz*1 Note 1. All peripheral operations except any BGO operation are operating normally. This is the average of the actual measurements of the sample cores during product evaluation. Note 2. All peripheral operations except any BGO operation are operating at maximum. This is the average of the actual measurements for the upper-limit samples during product evaluation. |