전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACE24C256C 데이터시트(PDF) 4 Page - ACE Technology Co., LTD.

부품명 ACE24C256C
상세설명  Two-wire serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ACE [ACE Technology Co., LTD.]
홈페이지  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C256C 데이터시트(HTML) 4 Page - ACE Technology Co., LTD.

  ACE24C256C Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C256C Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ACE24C256C
Two-wire serial EEPROM
VER 1.2
4
DC Characteristics
Unless otherwise specified, VCC = 1.7V to 5.5V, TA = –40°C to 125°C
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VCC
Supply Voltage
1.7
5.5
V
ISB
Supply Current
V
CC@3.3V,TA = 85℃
1.0
µA
V
CC@5.5V,TA = 85℃
3.0
µA
V
CC@5.5V,TA = 105℃
6.0
µA
V
CC@5.5V,TA = 125℃
10.0
µA
ICC1
Supply Read Current
VCC=5.5V,Read at 400Khz
0.2
0.4
mA
ICC2
Supply Write Current
VCC=5.5V,Write at 400Khz
0.8
1.6
mA
ILI
Input Leakage Current
V
IN= VCC or GND
0.10
1.0
µA
ILO
Output Leakage Current
V
OUT= VCC or GND
0.05
1.0
µA
VIL
Input Low Level
-0.6
0.3VCC
V
VIH
Input High Level
-07VCC
VCC+0.5
V
VOL2
Output Low Level
VCC=1.7V(SDL)
I
OL= 1.5 mA
0.2
V
VOL1
Output Low Level
VCC=3.0V(SDL)
I
OL = 2.1 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com