| 전자부품 데이터시트 검색엔진 |
|
LRGY9Q53-R2-B01 데이터시트(PDF) 5 Page - LIGITEK electronics co., ltd. |
|
|
|||||||||||||||||||||||||||||
LRGY9Q53-R2-B01 데이터시트(HTML) 5 Page - LIGITEK electronics co., ltd. |
|
5 / 14 page ![]() LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only Color Cade Classification Page 4/13 Iv(mcd) at 20mA BIN CODE Min. Max. Iv(mcd) at 20mA BIN CODE Min. Max. Iv(mcd) at 20mA BIN CODE Min. Max. PART NO. LRGY9Q53/R2-B01 R U 500 800 V-1 800 1000 V-2 1000 1250 W-1 1250 1600 Y U 500 800 V-1 800 1000 V-2 1000 1250 W-1 1250 1600 G V-2 1000 1250 W-1 1250 1600 W-2 1600 2000 X-1 2000 2550 |