| 전자부품 데이터시트 검색엔진 |
|
HT45F4MA 데이터시트(PDF) 56 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F4MA 데이터시트(HTML) 56 Page - Holtek Semiconductor Inc |
|
56 / 145 page ![]() Rev. 1.20 5� De�e��e� 1�� 201� Rev. 1.20 57 De�e��e� 1�� 201� HT45F4MA/HT45FH4MA/HT45FH4MA-1 Power Bank Flash MCU HT45F4MA/HT45FH4MA/HT45FH4MA-1 Power Bank Flash MCU I/O Pin Structures TheaccompanyingdiagramsillustratetheinternalstructuresofsomegenericI/Opintypes.As theexactlogicalconstructionoftheI/Opinwilldifferfromthesedrawings,theyaresuppliedasa guideonlytoassistwiththefunctionalunderstandingoftheI/Opins.Thewiderangeofpin-shared structuresdoesnotpermitalltypestobeshown. V DD M U X Wa ke - up Se le ct S yst em W ak e- up R ead Da ta R egi st er D Q CK S D Q CK S Co nt ro l Bi t Da ta B us Wr it e C ont ro l Re gi st er Ch ip R es et Re ad C on tr ol R eg is te r Wr it e Da ta R egi st er Da ta B it I/ O pi n Q Q PA on ly We ak Pu ll- up Pu ll- Hi gh Re gi st er Se le ct Generic Input/Output Structure V DD M U X Re ad D at a R egi st er Co nt ro l Bi t Da ta B us Wr it e C ont ro l R egi st er Ch ip R es et Re ad C on tr ol R egi st er Wr it e Da ta R eg is te r Da ta B it A/ D I npu t P in s AC S3 ~A CS 0 To A /D C onv er te r We ak Pu ll -u p An al og In put Se le ct or D Q CK S Q D Q CK S Q Pu ll -H ig h Re gi st er Se le ct A/D Input/Output Structure |