전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

749196328 데이터시트(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

부품명 749196328
상세설명  WE-FLEX HV Flexible Transformer for DC/DC Converter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
홈페이지  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

749196328 데이터시트(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  749196328 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196328 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196328 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196328 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 749196328 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Packaging Specification - Tape and Reel: [mm]
T
T1
Top Cover
Tape
Carrier Tape
Feeding direction
End
Start
K0
T2
P1
A0
D1
P2
P0
D1
No Component
min.160mm
Components
No Component
min.100mm
Cover Tape
min. 400mm
Cover Tape
A
A
packaging is reffered to the international standard IEC 60286-3:2013
A0
B0
W
T
T1
T2
K0 P0
P1
P2
D0
D0 / 2
D1 d
E
S
F
Tape Type 2a
VPE / packaging unit
tolerance
typ.
typ.
±0,3 typ. typ. typ. typ. ±0,1 ±0,1 ±0,15 +0,1/ -0,0
+0,05/ -0,0
typ. +0,05 ±0,1 ±0,1 ±0,1
pcs.
size
EFD15 17.26 23.80 44.00
0.­
50
0.­
05
9.­
70
9.­
20
4.00 24.00 2.00
1.50
0.75
2.­
00
0.20
1.75 40.40 20.20 Polystyrene
300
Pull-of force
Tape width
44 mm
0,1 N - 1,3 N
165° -180°
B
C
W1
close to center
W3
W2
A
B
C
D
N
W1
W2
W3
W3
tolerance
± 2,0
min.
min.
min.
min.
+ 2
max.
min.
max.
Tape width
44 mm
330.00
1.50
12.80
20.20
80.00
44.40
50.40
43.90
47.40
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
KaS
TBr
DIN ISO 2768-1m
DESCRIPTION
WE-FLEX HV Flexible Transformer
for DC/DC Converter
ORDER CODE
749196328
SIZE
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
EFD15
001.000
Valid
2017-01-04
eiSos
2/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com