전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F101CC 데이터시트(PDF) 55 Page - Renesas Technology Corp

부품명 R5F101CC
상세설명  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F101CC 데이터시트(HTML) 55 Page - Renesas Technology Corp

Back Button R5F101CC Datasheet HTML 51Page - Renesas Technology Corp R5F101CC Datasheet HTML 52Page - Renesas Technology Corp R5F101CC Datasheet HTML 53Page - Renesas Technology Corp R5F101CC Datasheet HTML 54Page - Renesas Technology Corp R5F101CC Datasheet HTML 55Page - Renesas Technology Corp R5F101CC Datasheet HTML 56Page - Renesas Technology Corp R5F101CC Datasheet HTML 57Page - Renesas Technology Corp R5F101CC Datasheet HTML 58Page - Renesas Technology Corp R5F101CC Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 202 page
background image
RL78/G13
2. ELECTRICAL SPECIFICATIONS (TA = -40 to +85
C)
Page 55 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
2.1 Absolute Maximum Ratings
Absolute Maximum Ratings (TA = 25
C) (1/2)
Parameter
Symbols
Conditions
Ratings
Unit
VDD
0.5 to +6.5
V
EVDD0, EVDD1 EVDD0 = EVDD1
0.5 to +6.5
V
Supply voltage
EVSS0, EVSS1
EVSS0 = EVSS1
0.5 to +0.3
V
REGC pin input voltage VIREGC
REGC
0.3 to +2.8
and
0.3 to VDD +0.3Note 1
V
VI1
P00 to P07, P10 to P17, P30 to P37, P40 to P47,
P50 to P57, P64 to P67, P70 to P77, P80 to P87,
P90 to P97, P100 to P106, P110 to P117, P120,
P125 to P127, P140 to P147
0.3 to EVDD0 +0.3
and
0.3 to VDD +0.3Note 2
V
VI2
P60 to P63 (N-ch open-drain)
0.3 to +6.5
V
Input voltage
VI3
P20 to P27, P121 to P124, P137, P150 to P156,
EXCLK, EXCLKS, RESET
0.3 to VDD +0.3Note 2
V
VO1
P00 to P07, P10 to P17, P30 to P37, P40 to P47,
P50 to P57, P60 to P67, P70 to P77, P80 to P87,
P90 to P97, P100 to P106, P110 to P117, P120,
P125 to P127, P130, P140 to P147
0.3 to EVDD0 +0.3
and
0.3 to VDD +0.3 Note 2
V
Output voltage
VO2
P20 to P27, P150 to P156
0.3 to VDD +0.3 Note 2
V
VAI1
ANI16 to ANI26
0.3 to EVDD0 +0.3
and
0.3 to AVREF(+) +0.3Notes 2, 3
V
Analog input voltage
VAI2
ANI0 to ANI14
0.3 to VDD +0.3
and
0.3 to AVREF(+) +0.3Notes 2, 3
V
Notes 1.
Connect the REGC pin to Vss via a capacitor (0.47 to 1
F). This value regulates the absolute
maximum rating of the REGC pin. Do not use this pin with voltage applied to it.
2.
Must be 6.5 V or lower.
3.
Do not exceed AVREF(+) + 0.3 V in case of A/D conversion target pin.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions
that ensure that the absolute maximum ratings are not exceeded.
Remarks 1.
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.
2.
AVREF (+) : + side reference voltage of the A/D converter.
3.
VSS : Reference voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com