| 전자부품 데이터시트 검색엔진 |
|
R5F10RFAA 데이터시트(PDF) 2 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F10RFAA 데이터시트(HTML) 2 Page - Renesas Technology Corp |
|
2 / 136 page ![]() RL78/L12 1. OUTLINE R01DS0157EJ0210 Rev.2.10 Sep 30, 2016 Page 2 of 131 ROM, RAM capacities Flash ROM Data flash RAM RL78/L12 32 pins 44 pins 48 pins 52 pins 64 pins 32 KB 2 KB 1.5 KB Note R5F10RBC R5F10RFC R5F10RGC R5F10RJC R5F10RLC 16 KB 2 KB 1 KB Note R5F10RBA R5F10RFA R5F10RGA R5F10RJA R5F10RLA 8KB 2 KB 1 KB Note R5F10RB8 R5F10RF8 R5F10RG8 R5F10RJ8 − Note In the case of the 1 KB, and 1.5 KB, this is 630 bytes when the self-programming function and data flash function is used. Remark The functions mounted depend on the product. See 1.6 Outline of Functions. |