전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F100LE 데이터시트(PDF) 12 Page - Renesas Technology Corp

부품명 R5F100LE
상세설명  True Low Power Platform
PDF  202 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F100LE 데이터시트(HTML) 12 Page - Renesas Technology Corp

Back Button R5F100LE Datasheet HTML 8Page - Renesas Technology Corp R5F100LE Datasheet HTML 9Page - Renesas Technology Corp R5F100LE Datasheet HTML 10Page - Renesas Technology Corp R5F100LE Datasheet HTML 11Page - Renesas Technology Corp R5F100LE Datasheet HTML 12Page - Renesas Technology Corp R5F100LE Datasheet HTML 13Page - Renesas Technology Corp R5F100LE Datasheet HTML 14Page - Renesas Technology Corp R5F100LE Datasheet HTML 15Page - Renesas Technology Corp R5F100LE Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 202 page
background image
RL78/G13
1. OUTLINE
Page 12 of 196
R01DS0131EJ0330 Rev.3.30
Mar 31, 2016
Table 1-1. List of Ordering Part Numbers
(9/12)
Pin count
Package
Data flash
Fields of
Application
Note
Ordering Part Number
Mounted
A
D
G
R5F100LCAFB#V0, R5F100LDAFB#V0, R5F100LEAFB#V0,
R5F100LFAFB#V0, R5F100LGAFB#V0, R5F100LHAFB#V0,
R5F100LJAFB#V0, R5F100LKAFB#V0, R5F100LLAFB#V0
R5F100LCAFB#X0, R5F100LDAFB#X0, R5F100LEAFB#X0,
R5F100LFAFB#X0, R5F100LGAFB#X0, R5F100LHAFB#X0,
R5F100LJAFB#X0, R5F100LKAFB#X0, R5F100LLAFB#X0
R5F100LCDFB#V0, R5F100LDDFB#V0, R5F100LEDFB#V0,
R5F100LFDFB#V0, R5F100LGDFB#V0, R5F100LHDFB#V0,
R5F100LJDFB#V0, R5F100LKDFB#V0, R5F100LLDFB#V0
R5F100LCDFB#X0, R5F100LDDFB#X0, R5F100LEDFB#X0,
R5F100LFDFB#X0, R5F100LGDFB#X0, R5F100LHDFB#X0,
R5F100LJDFB#X0, R5F100LKDFB#X0, R5F100LLDFB#X0
R5F100LCGFB#V0, R5F100LDGFB#V0, R5F100LEGFB#V0,
R5F100LFGFB#V0
R5F100LCGFB#X0, R5F100LDGFB#X0, R5F100LEGFB#X0,
R5F100LFGFB#X0
R5F100LGGFB#V0, R5F100LHGFB#V0, R5F100LJGFB#V0
R5F100LGGFB#X0, R5F100LHGFB#X0, R5F100LJGFB#X0
64-pin plastic
LFQFP (10
10
mm, 0.5 mm pitch)
Not
mounted
A
D
R5F101LCAFB#V0, R5F101LDAFB#V0, R5F101LEAFB#V0,
R5F101LFAFB#V0, R5F101LGAFB#V0, R5F101LHAFB#V0,
R5F101LJAFB#V0, R5F101LKAFB#V0, R5F101LLAFB#V0
R5F101LCAFB#X0, R5F101LDAFB#X0, R5F101LEAFB#X0,
R5F101LFAFB#X0, R5F101LGAFB#X0, R5F101LHAFB#X0,
R5F101LJAFB#X0, R5F101LKAFB#X0, R5F101LLAFB#X0
R5F101LCDFB#V0, R5F101LDDFB#V0, R5F101LEDFB#V0,
R5F101LFDFB#V0, R5F101LGDFB#V0, R5F101LHDFB#V0,
R5F101LJDFB#V0, R5F101LKDFB#V0, R5F101LLDFB#V0
R5F101LCDFB#X0, R5F101LDDFB#X0, R5F101LEDFB#X0,
R5F101LFDFB#X0, R5F101LGDFB#X0, R5F101LHDFB#X0,
R5F101LJDFB#X0, R5F101LKDFB#X0, R5F101LLDFB#X0
Mounted
A
G
R5F100LCABG#U0, R5F100LDABG#U0, R5F100LEABG#U0,
R5F100LFABG#U0, R5F100LGABG#U0, R5F100LHABG#U0,
R5F100LJABG#U0
R5F100LCABG#W0, R5F100LDABG#W0, R5F100LEABG#W0,
R5F100LFABG#W0, R5F100LGABG#W0, R5F100LHABG#W0,
R5F100LJABG#W0
R5F100LCGBG#U0, R5F100LDGBG#U0, R5F100LEGBG#U0,
R5F100LFGBG#U0, R5F100LGGBG#U0, R5F100LHGBG#U0,
R5F100LJGBG#U0
R5F100LCGBG#W0, R5F100LDGBG#W0, R5F100LEGBG#W0,
R5F100LFGBG#W0, R5F100LGGBG#W0, R5F100LHGBG#W0,
R5F100LJGBG#W0
64 pins
64-pin plastic
VFBGA
(4
4 mm, 0.4 mm
pitch)
Not
mounted
A
R5F101LCABG#U0, R5F101LDABG#U0, R5F101LEABG#U0,
R5F101LFABG#U0, R5F101LGABG#U0, R5F101LHABG#U0,
R5F101LJABG#U0
R5F101LCABG#W0, R5F101LDABG#W0, R5F101LEABG#W0,
R5F101LFABG#W0, R5F101LGABG#W0, R5F101LHABG#W0,
R5F101LJABG#W0
Note
For the fields of application, refer to Figure 1-1 Part Number, Memory Size, and Package of RL78/G13.
Caution The ordering part numbers represent the numbers at the time of publication. For the latest ordering
part numbers, refer to the target product page of the Renesas Electronics website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More