전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XZMDK81FS 데이터시트(PDF) 2 Page - SunLED Corporation

부품명 XZMDK81FS
상세설명  Long life and robust package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNLED [SunLED Corporation]
홈페이지  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZMDK81FS 데이터시트(HTML) 2 Page - SunLED Corporation

  XZMDK81FS Datasheet HTML 1Page - SunLED Corporation XZMDK81FS Datasheet HTML 2Page - SunLED Corporation XZMDK81FS Datasheet HTML 3Page - SunLED Corporation XZMDK81FS Datasheet HTML 4Page - SunLED Corporation XZMDK81FS Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Part Number: XZMDK81FS
2.8X0.8mm RIGHT ANGLE SMD CHIP LED LAMP
Sep 24,2016
XDSB3984 V5-X Layout: Maggie L.
P. 2/5
Handling Precautions
Compare to epoxy encapsulant that is hard and brittle, silicone is softer and flexible. Although its characteristic
significantly reduces thermal stress, it is more susceptible to damage by external mechanical force.
As a result, special handling precautions need to be observed during assembly using silicone encapsulated LED
products. Failure to comply might lead to damage and premature failure of the LED.
1.Do not directly touch or handle the silicone lens surface. It may damage the internal circuitry.
2. As silicone encapsulation is permeable to gases, some corrosive substances such as H2S might corrode silver plating of
leadframe. Special care should be taken if an LED with silicone encapsulation is to be used near such substances.



Html Pages

1 2 3 4 5