전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XZVG53W-1 데이터시트(PDF) 3 Page - SunLED Corporation

부품명 XZVG53W-1
상세설명  Long life and robust package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUNLED [SunLED Corporation]
홈페이지  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZVG53W-1 데이터시트(HTML) 3 Page - SunLED Corporation

  XZVG53W-1 Datasheet HTML 1Page - SunLED Corporation XZVG53W-1 Datasheet HTML 2Page - SunLED Corporation XZVG53W-1 Datasheet HTML 3Page - SunLED Corporation XZVG53W-1 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Sep 17,2016
XDSA4412 V7-Z Layout: Maggie L.
P. 3/4
Part Number: XZVG53W-1
1.6X0.8mm SMD CHIP LED LAMP
The device has a single mounting surface.
The device must be mounted according to
the specifications.
Reel Dimension
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specification (Units : mm)
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.



Html Pages

1 2 3 4