| 전자부품 데이터시트 검색엔진 |
|
VIPER16HDTR 데이터시트(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER16HDTR 데이터시트(HTML) 6 Page - STMicroelectronics |
|
6 / 30 page ![]() Pin settings VIPER16 6/30 DocID15232 Rev 7 58 COMP Output of the internal trans conductance error amplifier. The compensation network have to be placed between this pin and GND to achieve stability and good dynamic performance of the voltage control loop. The pin is used also to directly control the PWM with an optocoupler. The linear voltage range extends from VCOMPL to VCOMPH (Table 8). 7,8 13-16 DRAIN High voltage drain pin. The built-in high voltage switched start-up bias current is drawn from this pin too. Pins connected to the metal frame to facilitate heat dissipation. Table 3. Pin description (continued) Pin N. Name Function DIP-7 SO16 |