| 전자부품 데이터시트 검색엔진 |
|
R5F564MJCDFC 데이터시트(PDF) 11 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F564MJCDFC 데이터시트(HTML) 11 Page - Renesas Technology Corp |
|
11 / 228 page ![]() RX64M Group 1. Overview R01DS0173EJ0110 Rev.1.10 Page 11 of 228 Oct 24, 2016 Table 1.2 Comparison of Functions for Different Packages (1/2) Functions RX64M Group Package 177 Pins, 176 Pins 145 Pins, 144 Pins 100 Pins External bus External bus width 32 bits 16 bits SDRAM area controller Available Not supported DMA DMA controller Ch. 0 to 7 Data transfer controller Available EXDMA controller Ch. 0 and 1 Timers 16-bit timer pulse unit Ch. 0 to 5 Multi-function timer pulse unit 3 Ch. 0 to 8 General-purpose PWM timer Ch. 0 to 3 Port output enable 3 Available Programmable pulse generator Ch. 0 and 1 8-bit timers Ch. 0 to 3 Compare match timer Ch. 0 to 3 Compare match timer W Ch. 0 and 1 Realtime clock Available Watchdog timer Available Independent watchdog timer Available Communication function Ethernet controller Ch. 0 and 1 Ch. 0 PTP controller for ethernet controller Available DMAC controller for ethernet Ch. 0 and 1 (ETHERC) Ch. 2 (EPTPC) Ch. 0 (ETHERC) and 2 (EPTPC) USB 2.0 FS host/function module Ch. 0 USB 2.0 FS host/function module with battery charging Available Not supported Serial communications interfaces (SCIg) Ch. 0 to 7 Ch. 0 to 3, 5 and 6 Serial communications interfaces (SCIh) Ch. 12 Serial communications interfaces with FIFO Ch. 8 to 11 Ch. 8 and 9 I2C bus interfaces Ch. 0 and 2 Serial peripheral interface Ch. 0 CAN module Ch. 0 to 2 Ch. 0 and 1 Quad serial peripheral interface Ch. 0 Serial sound interfaces Ch. 0 and 1 Sampling rate converter Available SD host interface Ch. 0 MMC host interface Ch. 0 Parallel data capture unit Available Not supported 12-bit A/D converter AN000 to 007 (unit 0: 8 channels) AN100 to 120 (unit 1: 21 channels) AN000 to 007 (unit 0: 8 channels) AN100 to 113 (unit 1: 14 channels) 12-bit D/A converter Ch. 0 and 1 Ch. 1 Temperature sensor Available CRC calculator Available Data operation circuit Available Clock frequency accuracy measurement circuit Available AES Available |