전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F564MJDDFB 데이터시트(PDF) 74 Page - Renesas Technology Corp

부품명 R5F564MJDDFB
상세설명  120-MHz 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 4-MB flash memory
PDF  228 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F564MJDDFB 데이터시트(HTML) 74 Page - Renesas Technology Corp

Back Button R5F564MJDDFB Datasheet HTML 70Page - Renesas Technology Corp R5F564MJDDFB Datasheet HTML 71Page - Renesas Technology Corp R5F564MJDDFB Datasheet HTML 72Page - Renesas Technology Corp R5F564MJDDFB Datasheet HTML 73Page - Renesas Technology Corp R5F564MJDDFB Datasheet HTML 74Page - Renesas Technology Corp R5F564MJDDFB Datasheet HTML 75Page - Renesas Technology Corp R5F564MJDDFB Datasheet HTML 76Page - Renesas Technology Corp R5F564MJDDFB Datasheet HTML 77Page - Renesas Technology Corp R5F564MJDDFB Datasheet HTML 78Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 228 page
background image
R01DS0173EJ0110 Rev.1.10
Page 74 of 228
Oct 24, 2016
RX64M Group
4. I/O Registers
0008 12C3h
ECCRA
M
ECCRAM 1-Bit Error Status Register
ECCRAM1ST
S
88
2 ICLK
RAM
0008 12C4h
ECCRA
M
ECCRAM Protection Register
ECCRAMPR
CR
88
2 ICLK
RAM
0008 12C8h
ECCRA
M
ECCRAM 2-Bit Error Address Capture Register
ECCRAM2EC
AD
32
32
2 ICLK
RAM
0008 12CCh
ECCRA
M
ECCRAM 1-Bit Error Address Capture Register
ECCRAM1EC
AD
32
32
2 ICLK
RAM
0008 12D0h
ECCRA
M
ECCRAM Protection Register 2
ECCRAMPR
CR2
88
2 ICLK
RAM
0008 12D4h
ECCRA
M
ECCRAM Test Control Register
ECCRAMETS
T
88
2 ICLK
RAM
0008 1300h
BSC
Bus Error Status Clear Register
BERCLR
88
2 ICLK
Buses
0008 1304h
BSC
Bus Error Monitoring Enable Register
BEREN
88
2 ICLK
Buses
0008 1308h
BSC
Bus Error Status Register 1
BERSR1
88
2 ICLK
Buses
0008 130Ah
BSC
Bus Error Status Register 2
BERSR2
16
16
2 ICLK
Buses
0008 1310h
BSC
Bus Priority Control Register
BUSPRI
16
16
2 ICLK
Buses
0008 2000h
DMAC0 DMA Source Address Register
DMSAR
32
32
2 ICLK
DMACAa
0008 2004h
DMAC0 DMA Destination Address Register
DMDAR
32
32
2 ICLK
DMACAa
0008 2008h
DMAC0 DMA Transfer Count Register
DMCRA
32
32
2 ICLK
DMACAa
0008 200Ch
DMAC0 DMA Block Transfer Count Register
DMCRB
16
16
2 ICLK
DMACAa
0008 2010h
DMAC0 DMA Transfer Mode Register
DMTMD
16
16
2 ICLK
DMACAa
0008 2013h
DMAC0 DMA Interrupt Setting Register
DMINT
88
2 ICLK
DMACAa
0008 2014h
DMAC0 DMA Address Mode Register
DMAMD
16
16
2 ICLK
DMACAa
0008 2018h
DMAC0 DMA Offset Register
DMOFR
32
32
2 ICLK
DMACAa
0008 201Ch
DMAC0 DMA Transfer Enable Register
DMCNT
88
2 ICLK
DMACAa
0008 201Dh
DMAC0 DMA Software Start Register
DMREQ
88
2 ICLK
DMACAa
0008 201Eh
DMAC0 DMA Status Register
DMSTS
88
2 ICLK
DMACAa
0008 201Fh
DMAC0 DMA Request Source Flag Control Register
DMCSL
88
2 ICLK
DMACAa
0008 2040h
DMAC1 DMA Source Address Register
DMSAR
32
32
2 ICLK
DMACAa
0008 2044h
DMAC1 DMA Destination Address Register
DMDAR
32
32
2 ICLK
DMACAa
0008 2048h
DMAC1 DMA Transfer Count Register
DMCRA
32
32
2 ICLK
DMACAa
0008 204Ch
DMAC1 DMA Block Transfer Count Register
DMCRB
16
16
2 ICLK
DMACAa
0008 2050h
DMAC1 DMA Transfer Mode Register
DMTMD
16
16
2 ICLK
DMACAa
0008 2053h
DMAC1 DMA Interrupt Setting Register
DMINT
88
2 ICLK
DMACAa
0008 2054h
DMAC1 DMA Address Mode Register
DMAMD
16
16
2 ICLK
DMACAa
0008 205Ch
DMAC1 DMA Transfer Enable Register
DMCNT
88
2 ICLK
DMACAa
0008 205Dh
DMAC1 DMA Software Start Register
DMREQ
88
2 ICLK
DMACAa
0008 205Eh
DMAC1 DMA Status Register
DMSTS
88
2 ICLK
DMACAa
0008 205Fh
DMAC1 DMA Request Source Flag Control Register
DMCSL
88
2 ICLK
DMACAa
0008 2080h
DMAC2 DMA Source Address Register
DMSAR
32
32
2 ICLK
DMACAa
0008 2084h
DMAC2 DMA Destination Address Register
DMDAR
32
32
2 ICLK
DMACAa
0008 2088h
DMAC2 DMA Transfer Count Register
DMCRA
32
32
2 ICLK
DMACAa
0008 208Ch
DMAC2 DMA Block Transfer Count Register
DMCRB
16
16
2 ICLK
DMACAa
0008 2090h
DMAC2 DMA Transfer Mode Register
DMTMD
16
16
2 ICLK
DMACAa
0008 2093h
DMAC2 DMA Interrupt Setting Register
DMINT
88
2 ICLK
DMACAa
0008 2094h
DMAC2 DMA Address Mode Register
DMAMD
16
16
2 ICLK
DMACAa
0008 209Ch
DMAC2 DMA Transfer Enable Register
DMCNT
88
2 ICLK
DMACAa
0008 209Dh
DMAC2 DMA Software Start Register
DMREQ
88
2 ICLK
DMACAa
0008 209Eh
DMAC2 DMA Status Register
DMSTS
88
2 ICLK
DMACAa
0008 209Fh
DMAC2 DMA Request Source Flag Control Register
DMCSL
88
2 ICLK
DMACAa
0008 20C0h
DMAC3 DMA Source Address Register
DMSAR
32
32
2 ICLK
DMACAa
Table 4.1
List of I/O Registers (Address Order) (3 / 67)
Address
Module
Symbol Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access Cycles
Related
Function
ICLK
PCLK
ICLK
 PCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com