| 전자부품 데이터시트 검색엔진 |
|
WM9705 데이터시트(PDF) 5 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM9705 데이터시트(HTML) 5 Page - Wolfson Microelectronics plc |
|
5 / 55 page ![]() WM9705 Production Data w PD Rev 4.0 December 2003 5 RECOMMENDED OPERATING CONDITIONS PARAMETER SYMBOL TEST CONDITIONS MIN TYP MAX UNIT Digital supply range DVDD1, DVDD2 2.7 5.5 V Analogue supply range AVDD1, AVDD2 2.7 5.5 V Digital ground DGND1, DGND2 0 V Analogue ground AGND1, AGND2, HPGND 0 V Difference AGND to DGND – Note 1 -0.3 0 +0.3 V Difference AVDD to DVDD – Note 2 -0.3 5.5 V Note: 1. AGND is normally the same as DGND and HPGND 2. AVDD should be greater than or equal to DVDD |