| 전자부품 데이터시트 검색엔진 |
|
91C94 데이터시트(PDF) 97 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
91C94 데이터시트(HTML) 97 Page - SMSC Corporation |
|
97 / 120 page ![]() 97 FIGURE 22 - PCMCIA CONSECUTIVE READ CYCLES ns ns ns ns ns ns ns ns ns 35 40 0 5 5 185 0 15 25 15 0 Parameter t46 t47 t48 t20 t49 t50 t51 t52 t53 nIO RD Del ay to INPACK nREG Low to Control A ctive nCE1, nCE2 Setup to Control A ct ive Cycle Time (No Wai t States) nREG Hold after Control A ctive nCE1,nCE2 Hold after Control Inactive Address Setup to Control A ctive Address Hold after Control Inactive nIO RD Active to Data Valid min typ max units t51 t52 t48 t20 t49 t50 t53 t47 t46 t46 valid va lid A0-9,A15 nREG nCE1,nCE2 nIORD D0-15 nINPACK |