전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8741 데이터시트(PDF) 4 Page - Cirrus Logic

부품명 WM8741
상세설명  24-bit 192kHz DAC with Advanced Digital Filtering
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8741 데이터시트(HTML) 4 Page - Cirrus Logic

  WM8741 Datasheet HTML 1Page - Cirrus Logic WM8741 Datasheet HTML 2Page - Cirrus Logic WM8741 Datasheet HTML 3Page - Cirrus Logic WM8741 Datasheet HTML 4Page - Cirrus Logic WM8741 Datasheet HTML 5Page - Cirrus Logic WM8741 Datasheet HTML 6Page - Cirrus Logic WM8741 Datasheet HTML 7Page - Cirrus Logic WM8741 Datasheet HTML 8Page - Cirrus Logic WM8741 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
WM8741
Production Data
w
PD, Rev 4.3, February 2013
4
PIN CONFIGURATION
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
MOISTURE SENSITIVITY
LEVEL
PEAK SOLDERING
TEMPERATURE
WM8741GEDS/V
-0
 to +70C
28-lead SSOP
(Pb-free)
MSL2
260˚C
WM8741GEDS/RV
-0
 to +70C
28-lead SSOP
(Pb-free, tape and reel)
MSL2
260˚C
Note:
Reel Quantity = 2,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66