전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8781 데이터시트(PDF) 3 Page - Cirrus Logic

부품명 WM8781
상세설명  24-Bit, 192kHz Stereo ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8781 데이터시트(HTML) 3 Page - Cirrus Logic

  WM8781 Datasheet HTML 1Page - Cirrus Logic WM8781 Datasheet HTML 2Page - Cirrus Logic WM8781 Datasheet HTML 3Page - Cirrus Logic WM8781 Datasheet HTML 4Page - Cirrus Logic WM8781 Datasheet HTML 5Page - Cirrus Logic WM8781 Datasheet HTML 6Page - Cirrus Logic WM8781 Datasheet HTML 7Page - Cirrus Logic WM8781 Datasheet HTML 8Page - Cirrus Logic WM8781 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Production Data
WM8781
w
PD, January 2012, Rev 4.5
3
PIN CONFIGURATION
1
MCLK
2
3
VREFGND
4
5
VREFP
6
7
AVDD
8
AINR
9
AGND
10
AINOPR
AINOPL
COM
AINL
M/S
BCLK
FSAMPEN
IWL
LRCLK
DGND
DOUT
DVDD
VMID
FORMAT
11
12
13
14
15
16
17
20
19
18
ORDERING INFORMATION
DEVICE
TEMPERATURE
RANGE
PACKAGE
MOISTURE SENSITIVITY
LEVEL
PEAK SOLDERING
TEMPERATURE
WM8781GEDS/V
-25
C to +85C
20-lead SSOP
(Pb-free)
MSL3
260
oC
WM8781GEDS/RV
-25
C to +85C
20-lead SSOP
(Pb-free, tape and reel)
MSL3
260
oC
Note:
Reel quantity = 2,000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com