전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WM8956 데이터시트(PDF) 39 Page - Cirrus Logic

부품명 WM8956
상세설명  Hi-Fi DAC with 1W Stereo Class D Speaker Drivers
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CIRRUS [Cirrus Logic]
홈페이지  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

WM8956 데이터시트(HTML) 39 Page - Cirrus Logic

Back Button WM8956 Datasheet HTML 35Page - Cirrus Logic WM8956 Datasheet HTML 36Page - Cirrus Logic WM8956 Datasheet HTML 37Page - Cirrus Logic WM8956 Datasheet HTML 38Page - Cirrus Logic WM8956 Datasheet HTML 39Page - Cirrus Logic WM8956 Datasheet HTML 40Page - Cirrus Logic WM8956 Datasheet HTML 41Page - Cirrus Logic WM8956 Datasheet HTML 42Page - Cirrus Logic WM8956 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
Production Data
WM8956
w
PD, November 2011, Rev 4.1
39
HEADPHONE JACK DETECT
The GPIO1, LINPUT3/JD2 and RINPUT3/JD3 pins can be selected as headphone jack detect inputs
to automatically disable the speaker output and enable the headphone output e.g. when a headphone
is plugged into a jack socket. In this mode, enabled by setting HPSWEN, the headphone detect input
pin switches between headphone and speaker outputs (e.g. when the pin is connected to a
mechanical switch in the headphone socket to detect plug-in). The HPSEL[1:0] bits select the input
pin used for this function. The HPSWPOL bit reverses the pin’s polarity. Note that the LOUT1,
ROUT1, SPKL and SPKR bits in register 26 must also be set for headphone and speaker output (see
Table 23 and Table 24).
TOEN must also be set to enable the clock which is used for de-bouncing the jack detect input.
TOCLKSEL selects a fast or slow de-bounce period. Note that SYSCLK must be enabled to use this
function.
When using capless mode, the OUT3CAP bit should be enabled so that OUT3 is enabled/disabled at
the same time as HP_L and HP_R to prevent pop noise.
The debounced headphone detect signal can also be output to the GPIO1 pin (See GPIO section).
This function is not available when using GPIO1 as an input.
When using the GPIO1 pin as a headphone detect input, the ALRCGPIO register bit needs to be set
to 1 (See GPIO section for more information).
Note:
When LINPUT3 or RINPUT3 is used as the headphone detect input, the thresholds become CMOS
levels (0.3 AVDD / 0.7 AVDD).
HPSWEN HPSWPOL
HEADPHONE
DETECT PIN
(LINPUT3/JD2,
RINPUT3/JD3 OR
GPIO1)
L/ROUT1
(AND OUT3
IN
CAPLESS
MODE)
(REG. 26)
SPKL/R
(REG. 26)
HEADPHONE
ENABLED
(AND OUT3 IN
CAPLESS
MODE)
SPEAKER
ENABLED
0
X
X
0
0
no
no
0
X
X
0
1
no
yes
0
X
X
1
0
yes
no
0
X
X
1
1
yes
yes
1
0
0
X
0
no
no
1
0
0
X
1
no
yes
1
0
1
0
X
no
no
1
0
1
1
X
yes
no
1
1
0
0
X
no
no
1
1
0
1
X
yes
no
1
1
1
X
0
no
no
1
1
1
X
1
no
yes
Table 23 Headphone Jack Detect Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com