전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9410 데이터시트(PDF) 17 Page - Analog Devices

부품명 AD9410
상세설명  10-Bit, 210 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9410 데이터시트(HTML) 17 Page - Analog Devices

Back Button AD9410 Datasheet HTML 12Page - Analog Devices AD9410 Datasheet HTML 13Page - Analog Devices AD9410 Datasheet HTML 14Page - Analog Devices AD9410 Datasheet HTML 15Page - Analog Devices AD9410 Datasheet HTML 16Page - Analog Devices AD9410 Datasheet HTML 17Page - Analog Devices AD9410 Datasheet HTML 18Page - Analog Devices AD9410 Datasheet HTML 19Page - Analog Devices AD9410 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
REV. 0
AD9410
–17–
TROUBLESHOOTING
If the board does not seem to be working correctly, try the
following:
• Verify power at IC pins.
• Check that all jumpers are in the correct position for the
desired mode of operation.
• Verify VREF is at 2.5 V.
• Try running encode clock and analog input at low speeds
(10 MSPS/1 MHz) and monitor latch outputs, DAC outputs,
and ADC outputs for toggling.
The AD9410 Evaluation Board is provided as a design example
for customers of Analog Devices, Inc. ADI makes no warranties,
express, statutory, or implied, regarding merchantability or
fitness for a particular purpose.
AD9751
U2
E34
GND
E33
DCOCA
DCOTA
GND
C13
0.1 F
GND
DM9
DM8
DM7
DM6
DM5
DM4
E35
DN0
DN1
DN2
DN3
DN4
DN5
DN6
DN7
DN8
DN9
GND
C17
0.1 F
GND
VDAC
DM0
DM1
DM2
DM3
E29
E31
VDAC
E30
GND
E2
VDAC
E5
GND
E4
C23
0.1 F
GND
R10
2k
GND
C3
0.1 F
VDAC
GND
C20
0.1 F
R13
392
GND GND
R12
50
GND
R1
50
GND
J4
1
2
3
4
5
6
7
8
9
11
12
10
13
14
15
16
17
18
19
20
21
23
24
22
36
35
34
33
32
31
30
29
28
26
25
27
48
47
46
45
44
43
42
41
40
38
37
39
VDAC
R5
392
GND
GND
VDAC
VDAC
C33
1 F
VDAC
E32
J3
GND
Figure 13c. PCB Schematic (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20