전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

N79E875 데이터시트(PDF) 7 Page - List of Unclassifed Manufacturers

부품명 N79E875
상세설명  8-BIT MICROCONTROLLER
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

N79E875 데이터시트(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button N79E875 Datasheet HTML 3Page - List of Unclassifed Manufacturers N79E875 Datasheet HTML 4Page - List of Unclassifed Manufacturers N79E875 Datasheet HTML 5Page - List of Unclassifed Manufacturers N79E875 Datasheet HTML 6Page - List of Unclassifed Manufacturers N79E875 Datasheet HTML 7Page - List of Unclassifed Manufacturers N79E875 Datasheet HTML 8Page - List of Unclassifed Manufacturers N79E875 Datasheet HTML 9Page - List of Unclassifed Manufacturers N79E875 Datasheet HTML 10Page - List of Unclassifed Manufacturers N79E875 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 192 page
background image
Preliminary N79E875 Data Sheet
Publication Release Date: April 13, 2009
- 7 -
Revision A02
Up to two channels PWM independent from paired PWM channels.
One build-in OP amplifier.
Eight-channel multiplexed with 10-bits A/D converter.
Support synchronized trigger with PWM period.
Support OP amplifier output conversion.
Support digital compare function.
Two analog comparators with optional internal reference voltage input at negative end.
Eight-keypad interrupt inputs.
Built-in power management.
Idle mode
Power down mode
LED drive capability (20mA) on all port pins.
Config-bits selectable 3 levels( 4.5V/3.8V/2.6V) Brown-Out voltage detect interrupt and reset.
Independent Programmable Watchdog Timer.
Program and Data Flash security protection.
Development Tools:
JTAG ICE(In Circuit Emulation) tool
ICP(In Circuit Programming) writer
Packages:
Lead Free (RoHS) LQFP 48: N79E875ALG series (-40
°C ~85°C)
Lead Free (RoHS) LQFP 48: N79E875RALG series (-40
°C ~85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com