| 전자부품 데이터시트 검색엔진 |
|
CS5480 데이터시트(PDF) 47 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5480 데이터시트(HTML) 47 Page - Cirrus Logic |
|
47 / 70 page ![]() CS5480 DS980F3 47 6.6.14 Interrupt Mask (Mask) – Page 0, Address 3 Default = 0x00 0000 The Mask register is used to control the activation of the INT pin. Writing a '1' to a Mask register bit will allow the corresponding Status0 register bit to activate the INT pin when set. [23:0] Enable/disable (mask) interrupts. 0 = Interrupt disabled (Default) 1 = Interrupt enabled 6.6.15 Chip Status 1 (Status1) – Page 0, Address 24 Default = 0x80 1800 This register indicates a variety of conditions within the chip. [23:16] Reserved. LCOM[7:0] Indicates the value of the last serial command executed. [7:4] Reserved. TOD Modulator oscillation has been detected in the temperature ADC. VOD Modulator oscillation has been detected in the voltage ADC. I2OD (I1OD) Modulator oscillation has been detected in the current2 (current1) ADC. 23 22 21 20 19 18 17 16 DRDY CRDY WOF - - MIPS V2SWELL V1SWELL 15 14 13 12 11 10 9 8 P2OR P1OR I2OR I1OR V2OR V1OR I2OC I1OC 7 654 3 2 1 0 V2SAG V1SAG TUP FUP IC RX_CSUM_ERR - RX_TO 23 22 21 20 19 18 17 16 -- -- -- -- 15 14 13 12 11 10 9 8 LCOM[7] LCOM[6] LCOM[5] LCOM[4] LCOM[3] LCOM[2] LCOM[1] LCOM[0] 7 654 32 10 - - - - TOD VOD I2OD I1OD |