| 전자부품 데이터시트 검색엔진 |
|
WM8235 데이터시트(PDF) 41 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
WM8235 데이터시트(HTML) 41 Page - Cirrus Logic |
|
41 / 154 page ![]() WM8235 Rev 4.6 41 Channel ID Setting Limitation The re are some notices to assign channel ID. It’s depending on LVDS output format. (refer to OUTPUT DATA FORMAT) 1) 10-bit 5pair mode LVDS output In this mode, channel ID will be IN1, IN4 or IN7 only. Case-1 ID indicate IN1 A D5 S0 S1 S2 IN1[0] IN1[1] IN1[2] IN1[3] D4 IN1[4] IN1[5] IN1[6] IN1[7] IN1[8] IN1[9] S3 D3 S4 IN2[0] IN2[1] IN2[2] IN2[3] IN2[4] IN2[5] D2 IN2[6] IN2[7] IN2[8] IN2[9] IN3[0] IN3[1] IN3[2] D1 IN3[3] IN3[4] IN3[5] IN3[6] IN3[7] IN3[8] IN3[9] DCLK H H L L L H H Case-2 ID indicate IN4 B D5 S0 S1 S2 IN4[0] IN4[1] IN4[2] IN4[3] D4 IN4[4] IN4[5] IN4[6] IN4[7] IN4[8] IN4[9] S3 D3 S4 IN5[0] IN5[1] IN5[2] IN5[3] IN5[4] IN5[5] D2 IN5[6] IN5[7] IN5[8] IN5[9] IN6[0] IN6[1] IN6[2] D1 IN6[3] IN6[4] IN6[5] IN6[6] IN6[7] IN6[8] IN6[9] DCLK H H L L L H H Case-3 ID indicate IN7 C D5 S0 S1 S2 IN7[0] IN7[1] IN7[2] IN7[3] D4 IN7[4] IN7[5] IN7[6] IN7[7] IN7[8] IN7[9] S3 D3 S4 IN8[0] IN8[1] IN8[2] IN8[3] IN8[4] IN8[5] D2 IN8[6] IN8[7] IN8[8] IN8[9] IN9[0] IN9[1] IN9[2] D1 IN9[3] IN9[4] IN9[5] IN9[6] IN9[7] IN9[8] IN9[9] DCLK H H L L L H H |