| 전자부품 데이터시트 검색엔진 |
|
AP432YA 데이터시트(PDF) 5 Page - Anachip Corp |
|
|
|||||||||||||||||||||||||||||
AP432YA 데이터시트(HTML) 5 Page - Anachip Corp |
|
5 / 16 page ![]() Adjustable Precision Shunt Regulator AP432/AP432A Anachip Corp. www.anachip.com.tw Rev.1.1 Sep.23, 2004 5/16 VMAX VMIN TI T2 TEMPERATURE VDEV = VMAX - VMIN Note 3. Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference over the full temperature range. The average temperature coefficient of the reference input voltage αVREF is defined as: 1 2 6 C) (25 REF DEV REF T T 10 ) V V ( V − × ° = α ……………………..……………….. ( ) C ppm ° Where: T2 – T1 = full temperature change. α VREF can be positive or negative depending on whether the slope is positive or negative. Note 4. The dynamic output impedance, RZ, is defined as: KA KA KA I V Z ∆ ∆ = When the device is programmed with two external resistors R1 and R2 (see Figure 2.), the dynamic output impedance of the overall circuit, is defined as: ) ( ≈ R2 R1 1 Z i v ' Z KA KA + ∆ ∆ = Test Circuits Input VREF V KA I KA Fig1. Test Circuit for V KA= VREF IN VREF R1 R2 IREF I KA V KA Fig2. Test circuit for V KA>VREF IN V KA IZ(OFF) Fig3. Test Circuit for off-state Current R1 I ) R2 R1 (1 V V REF REF KA ⋅ + + = |
|
|
링크 URL |
| ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크 투 데이터시트 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |