전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R66CD3100AA7AM 데이터시트(PDF) 1 Page - Kemet Corporation

부품명 R66CD3100AA7AM
상세설명  R66, Radial, 7.5 mm Lead Spacing, 50 - 630 VDC (Automotive Grade)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEMET [Kemet Corporation]
홈페이지  http://www.kemet.com
Logo KEMET - Kemet Corporation

R66CD3100AA7AM 데이터시트(HTML) 1 Page - Kemet Corporation

  R66CD3100AA7AM Datasheet HTML 1Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 2Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 3Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 4Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 5Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 6Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 7Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 8Page - Kemet Corporation R66CD3100AA7AM Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
F3102_R66 • 5/12/2017
1
One world. One KEMET
Benefits
• Voltage range: 50 – 630 VDC
• Capacitance range: 0.001 µF – 4.7 µF
• Lead Spacing: 7.5 mm
• Capacitance tolerance: ±5%, ±10%, ±20%
• Climatic category: 55/105/56
• Operatingtemperaturerangeof−55˚Cto+105˚C
• RoHS compliance and lead-free terminations
• Tape and reel packaging in accordance with IEC 60286–2
• Self-healing
• Automotive grade (AEC–Q200)
Overview
TheR66Seriesisconstructedofmetallizedpolyesterfilm
(wound or stacked technology) with radial leads of tinned
wire. Radial leads are electrically welded to the contact
metal layer on the ends of the capacitor winding. The
capacitor is encapsulated with thermosetting resin in a box
of material meeting the UL 94V–0 requirements.
Automotive grade devices meet the demanding Automotive
ElectronicsCouncil'sAEC–Q200qualificationrequirements.
Applications
Typical applications include blocking, coupling, decoupling,
bypassing and interference suppression in low voltage
applications such as automotive. Not suitable for across-
the-line application (see Suppressor Capacitors).
General Purpose Metallized Polyester Film Capacitors
R66, Radial, 7.5 mm Lead Spacing, 50 – 630 VDC
(Automotive Grade)
Part Number System
R66
E
D
3100
AA
7A
J
Series
Rated Voltage
(VDC)
Length (mm)
Capacitance
Code (pF)
Packaging
Internal Use
Capacitance
Tolerance
Metallized Polyester C = 50
D = 63
E = 100
I = 250
M = 400
P = 630
D = 7.5
The last three
digits represent
significantfigures.
Firstdigitspecifies
the number of zeros
to be added.
See Ordering
Options Table
10
6A
7A
J = ±5%
K = ±10%
M = ±20%


유사한 부품 번호 - R66CD3100AA7AM

제조업체부품명데이터시트상세설명
logo
Mitsumi Electronics, Co...
R666557 MITSUMI-R666557 Datasheet
162Kb / 4P
Slide and Rotary Encoder Switches
R666792 MITSUMI-R666792 Datasheet
111Kb / 2P
Self Return Slide Switches
R666804 MITSUMI-R666804 Datasheet
111Kb / 2P
Self Return Slide Switches
R666861 MITSUMI-R666861 Datasheet
162Kb / 4P
Slide and Rotary Encoder Switches
R666939 MITSUMI-R666939 Datasheet
92Kb / 2P
Side Click Type Tactile Switches
More results

유사한 설명 - R66CD3100AA7AM

제조업체부품명데이터시트상세설명
logo
Kemet Corporation
R82DC3100DQ50K KEMET-R82DC3100DQ50K Datasheet
531Kb / 14P
R82 Series, Radial, 5 mm Lead Spacing, 50 ??400 VDC (Automotive Grade)
R75PD1680Z340J KEMET-R75PD1680Z340J Datasheet
57Kb / 1P
Capacitor, film, 6800 pF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=7.5 mm
R76PD1100SE00J KEMET-R76PD1100SE00J Datasheet
55Kb / 1P
Capacitor, film, 1000 pF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=7.5 mm
R82DC3470AA60J KEMET-R82DC3470AA60J Datasheet
1Mb / 16P
R82 Series, Radial, 5 mm Lead Spacing, 50 - 400 VDC (Automotive Grade)
RSBDC3100AA00J KEMET-RSBDC3100AA00J Datasheet
1Mb / 16P
RSB Series, 5 mm Lead Spacing, 50 ??630 VDC (Automotive Grade)
R75PR418050H3J KEMET-R75PR418050H3J Datasheet
58Kb / 1P
R75H, Film, Metallized Polypropylene, Automotive Grade, 1.8 uF, 5%, 630 VDC, 105째C, Lead Spacing = 27.5mm
R75PI227050H0J KEMET-R75PI227050H0J Datasheet
51Kb / 1P
R75H, Film, Metallized Polypropylene, Automotive Grade, 0.027 uF, 5%, 630 VDC, 105째C, Lead Spacing = 15mm
R75PI282050H3J KEMET-R75PI282050H3J Datasheet
51Kb / 1P
R75H, Film, Metallized Polypropylene, Automotive Grade, 0.082 uF, 5%, 630 VDC, 105째C, Lead Spacing = 15mm
R75PI239050H3J KEMET-R75PI239050H3J Datasheet
51Kb / 1P
R75H, Film, Metallized Polypropylene, Automotive Grade, 0.039 uF, 5%, 630 VDC, 105째C, Lead Spacing = 15mm
R66ID2470Z37AK KEMET-R66ID2470Z37AK Datasheet
227Kb / 1P
R66, Film, Metallized Polyester Stacked, Automotive Grade, 0.047 uF, 10%, 250 VDC, 85°C, Lead Spacing = 7.5mm
10/20/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com