전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ACPL-024L 데이터시트(PDF) 14 Page - Broadcom Corporation.

부품명 ACPL-024L
상세설명  Low Power, 5-MBd Digital CMOS Optocoupler
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOARDCOM [Broadcom Corporation.]
홈페이지  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

ACPL-024L 데이터시트(HTML) 14 Page - Broadcom Corporation.

Back Button ACPL-024L Datasheet HTML 8Page - Broadcom Corporation. ACPL-024L Datasheet HTML 9Page - Broadcom Corporation. ACPL-024L Datasheet HTML 10Page - Broadcom Corporation. ACPL-024L Datasheet HTML 11Page - Broadcom Corporation. ACPL-024L Datasheet HTML 12Page - Broadcom Corporation. ACPL-024L Datasheet HTML 13Page - Broadcom Corporation. ACPL-024L Datasheet HTML 14Page - Broadcom Corporation. ACPL-024L Datasheet HTML 15Page - Broadcom Corporation. ACPL-024L Datasheet HTML 16Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Broadcom
- 14 -
ACPL-M21L, ACPL-021L, ACPL-024L, ACPL-W21L, ACPL-K24L
Data Sheet
Figure 17 Circuit for tPLH, tPHL, tr, tf
* 0.1 μF BYPASS — SEE NOTE 6 above.[6]
PULSE GEN
tr = tf = 11 ns
f = 1.0 MHz
50% DUTY
CYCLE
Vdd
*
OUTPUT VO
MONITORING
NODE
Rm
INPUT
MONITORING
NODE
CL = 15 pF
IF
PULSE GEN
tr = tf = 11 ns
f = 1.0 MHz
50% DUTY
CYCLE
Vdd
OUTPUT VO
MONITORING
NODE
Rm
INPUT
MONITORING
NODE
CL = 15 pF
IF
PULSE GEN
tr = tf = 11 ns
f = 1.0 MHz
50% DUTY
CYCLE
*
Vdd
OUTPUT VO
MONITORING
NODE
Rm
INPUT
MONITORING
NODE
CL = 15 pF
IF
ACPL-M21L
ACPL-021L
ACPL-024L/K24L
INPUT IF
OUTPUT VO
IF (ON)
0 mA
50% IF (ON)
VOH
VOL
50%
tPLH
tPHL
6
4
Shield
1
3
5
4
1
Shield
3
2
5
8
6
7
2
3
8
5
6
Shield
1
4
7
*
PULSE GEN
tr = tf = 11 ns
f = 1.0 MHz
50% DUTY
CYCLE
Vdd
*
OUTPUT VO
MONITORING
NODE
Rm
INPUT
MONITORING
NODE
CL = 15 pF
IF
ACPL-W21L
6
4
Shield
1
3
5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com