전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

GRS01A024KSSX1 데이터시트(PDF) 2 Page - Taoglas antenna solutions

부품명 GRS01A024KSSX1
상세설명  Maverick GPS/GNSS/Beidou Smart Antenna Receiver System
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOGLAS [Taoglas antenna solutions]
홈페이지  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GRS01A024KSSX1 데이터시트(HTML) 2 Page - Taoglas antenna solutions

  GRS01A024KSSX1 Datasheet HTML 1Page - Taoglas antenna solutions GRS01A024KSSX1 Datasheet HTML 2Page - Taoglas antenna solutions GRS01A024KSSX1 Datasheet HTML 3Page - Taoglas antenna solutions GRS01A024KSSX1 Datasheet HTML 4Page - Taoglas antenna solutions GRS01A024KSSX1 Datasheet HTML 5Page - Taoglas antenna solutions GRS01A024KSSX1 Datasheet HTML 6Page - Taoglas antenna solutions GRS01A024KSSX1 Datasheet HTML 7Page - Taoglas antenna solutions GRS01A024KSSX1 Datasheet HTML 8Page - Taoglas antenna solutions GRS01A024KSSX1 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SPE-16-8-008/A/SS Page 2 of 12
1. Introduction
The Maverick GRS.01 GPS/Glonass/Beidou smart antenna receiver system is a
complete receiver and antenna. It is the most advanced small form factor smart
antenna receiver system on the market today.
Featuring the u-blox M8 multi-GNSS (GPS, GLONASS, Beidou, QZSS and SBAS)
engine, the MAX-8 series delivers high sensitivity and minimal acquisition times in the
industry proven MAX form factor. A wide-band, specially tuned, advanced 35mm
dielectric ceramic patch antenna is integrated directly with the receiver for best
receive sensitivity.
In addition, an electronic compass function is included for direction finding.
This system allows continuous position coverage in most application environments.
Furthermore, it’s very easy to operate this antenna via I2C serial bus, since the
protocols and commands support APM version 2.x, which is popular in the drone UAV
application field.
Typical Applications
- Navigation-Automotive/Pedestrian/Marine
- Positioning-Geotagging/Journey/LBS
- Tracking-Security/Safety
- Asset Tracking
- First Person View applications
- Other location-aware consumer devices
If you have any questions, please Contact your regional Taoglas office for support



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12