| 전자부품 데이터시트 검색엔진 |
|
FXR07A 데이터시트(PDF) 2 Page - Taoglas antenna solutions |
|
|
|||||||||||||||||||||||||||||
FXR07A 데이터시트(HTML) 2 Page - Taoglas antenna solutions |
|
2 / 10 page ![]() SPE-15-8-075/A/CM Page 2 of 10 1. Introduction The FXR.07.A.dg is a rectangular, embedded, NFC (Near Field Communications) antenna for use in IoT devices such as keycards, payment systems, and readers. The design provides a flexible NFC antenna that can be adhered to metallic parts or directly to the battery of the device for ease of installation. NFC antennas can be applied in areas not traditionally available to other types of antennas. A common example is the ability to apply NFC antennas to batteries or other conductive surfaces. To enable this usage, however, a ferrite flux director layer is required. This ferrite layer acts to steer the magnetic flux away from the metal or other conductor, where it would otherwise result in loss or complete failure to communicate. Taoglas NFC antennas can therefore be customized with flux director layers to enable this flexibility in usage. The coil inductance noted below can help estimate a capacitance value for creating resonance at 13.56MHz. Typical applications - Mobile devices - Electronic wallets - Health care ID scanners - Payment readers - Office ID - Access control - Internet Of Things Customized antennas for specific applications, shape, and impedance match can also be provided for a NRE and are subject to MOQ. Contact your regional Taoglas sales office for more information and support on our NFC antenna range. |