전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FXR06A 데이터시트(PDF) 2 Page - Taoglas antenna solutions

부품명 FXR06A
상세설명  Square Flexible Near-Field Communications Antenna
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAOGLAS [Taoglas antenna solutions]
홈페이지  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR06A 데이터시트(HTML) 2 Page - Taoglas antenna solutions

  FXR06A Datasheet HTML 1Page - Taoglas antenna solutions FXR06A Datasheet HTML 2Page - Taoglas antenna solutions FXR06A Datasheet HTML 3Page - Taoglas antenna solutions FXR06A Datasheet HTML 4Page - Taoglas antenna solutions FXR06A Datasheet HTML 5Page - Taoglas antenna solutions FXR06A Datasheet HTML 6Page - Taoglas antenna solutions FXR06A Datasheet HTML 7Page - Taoglas antenna solutions FXR06A Datasheet HTML 8Page - Taoglas antenna solutions FXR06A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DSP-12-8-012/A/PK
SPE-14-8-110/D/CMPage2of10
1. Introduction
The FXR.06.A is a square, flexible, NFC (Near Field Communications) antenna for use
in mobile devices and other applications. The design provides a flexible NFC antenna
that can be adhered to the plastic enclosure of the device for ease of installation.
With NFC antennas being commonly attached to the battery of mobile devices, they
can be customized with a ferrite flux director to provide isolation from the battery or
other components within the device. Using the antenna on a conductive surface
without a ferrite layer will result in extremely short range or complete failure to
communicate.
Customized antennas for specific applications for shape and for impedance match can
also be provided for an NRE and subject to MOQ. Contact your regional Taoglas sales
office for more information and support on our NFC antenna range.



Html Pages

1 2 3 4 5 6 7 8 9 10