전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74LVC1G14FS3 데이터시트(PDF) 15 Page - Diodes Incorporated

부품명 74LVC1G14FS3
상세설명  SINGLE SCHMITT-TRIGGER INVERTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G14FS3 데이터시트(HTML) 15 Page - Diodes Incorporated

Back Button 74LVC1G14FS3 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 9Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 10Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 11Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 12Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 13Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 14Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 15Page - Diodes Incorporated 74LVC1G14FS3 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
74LVC1G14
Document number: DS35123 Rev. 4 - 2
15 of 16
www.diodes.com
March 2014
© Diodes Incorporated
74LVC1G14
Suggested Pad Layout (cont.)
(6)(Package Type X2-DFN1010-6
(7) Package Type: X2-DFN1409-6
(8) Package Type: X2-DFN1410-6
Dimensions
Value
(in mm)
C
0.350
G
0.150
X
0.200
X1
0.900
Y
0.550
Y1
1.250
Dimensions
Value
(in mm)
C
1.000
C1
0.500
D
0.300
G
0.200
G1
0.200
X
0.400
Y
0.150
Dimensions
Value
(in mm)
C
0.500
G
0.250
X
0.250
X1
1.250
Y
0.525
Y1
1.250
1
Y1
X1
X(6x)
Y (6x)
G(4x)
C
1
X1
Y1
Y(6x)
X(6x)
G(4x)
C
Pin1
C
C1
Y
X
G
D (6x)
G1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16