| 전자부품 데이터시트 검색엔진 |
|
ICS951412 데이터시트(PDF) 9 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS951412 데이터시트(HTML) 9 Page - Integrated Circuit Systems |
|
9 / 10 page ![]() 9 ICS951412 0883G—12/08/04 SMBus Table: Device ID Register Pin # Name Control Function Type0 1 PWD Bit 7 DevID 7 Device ID MSB R - - 0 Bit 6 DevID 6 Device ID 6 R - - 0 Bit 5 DevID 5 Device ID 5 R - - 0 Bit 4 DevID 4 Device ID4 R - - 1 Bit 3 DevID 3 Device ID3 R - - 0 Bit 2 DevID 2 Device ID2 R - - 0 Bit 1 DevID 1 Device ID1 R - - 1 Bit 0 DevID 0 Device ID LSB R - - 0 SMBus Table: Vendor ID Register Pin # Name Control Function Type0 1 PWD Bit 7 RID3 R - - X Bit 6 RID2 R - - X Bit 5 RID1 R - - X Bit 4 RID0 R - - X Bit 3 VID3 R - - 0 Bit 2 VID2 R - - 0 Bit 1 VID1 R - - 0 Bit 0 VID0 R - - 1 SMBus Table: Byte Count Register Pin # Name Control Function Type0 1 PWD Bit 7 BC7 RW 0 Bit 6 BC6 RW 0 Bit 5 BC5 RW 0 Bit 4 BC4 RW 0 Bit 3 BC3 RW 1 Bit 2 BC2 RW 0 Bit 1 BC1 RW 0 Bit 0 BC0 RW 1 Bytes 9 to 21 are reserved Byte 6 - - - Writing to this register will configure how many bytes will be read back, default is 9 bytes. - - - - - - - - Revision ID - - VENDOR ID (0001 = ICS) - Byte Count Programming b(7:0) - - Byte 8 - - - - Byte 7 - - - - |