전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RT6204 데이터시트(PDF) 2 Page - Richtek Technology Corporation

부품명 RT6204
상세설명  Synchronous Step-Down Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RICHTEK [Richtek Technology Corporation]
홈페이지  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT6204 데이터시트(HTML) 2 Page - Richtek Technology Corporation

  RT6204 Datasheet HTML 1Page - Richtek Technology Corporation RT6204 Datasheet HTML 2Page - Richtek Technology Corporation RT6204 Datasheet HTML 3Page - Richtek Technology Corporation RT6204 Datasheet HTML 4Page - Richtek Technology Corporation RT6204 Datasheet HTML 5Page - Richtek Technology Corporation RT6204 Datasheet HTML 6Page - Richtek Technology Corporation RT6204 Datasheet HTML 7Page - Richtek Technology Corporation RT6204 Datasheet HTML 8Page - Richtek Technology Corporation RT6204 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
RT6204
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS6204-03
November
2016
2
Ordering Information
RT6204
Package Type
SP : SOP-8 (Exposed Pad-Option 2)
Lead Plating System
G : Green (Halogen Free and Pb Free)
Note :
Richtek products are :
RoHS compliant and compatible with the current
requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Marking Information
RT6204GSP : Product Number
YMDNN : Date Code
RT6204
GSPYMDNN
Pin Configuration
(TOP VIEW)
BOOT
VIN
SW
GND
SS
EN
FB
COMP
GND
2
3
4
5
6
7
8
9
SOP-8 (Exposed Pad)
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BOOT
Bootstrap capacitor connection node for High-Side Gate Driver. Connect a
0.1
F ceramic capacitor from BOOT to SW to power the internal gate driver.
2
VIN
Supply voltage input, 5.2V to 60V. Bypass VIN to GND with a large
high-quality capacitor.
3
SW
Switch node for output inductor connection.
4, 9
(Exposed Pad)
GND
Power ground. The exposed pad must be connected to GND and well
soldered to the input and output capacitors and a large PCB copper area for
maximum power dissipation.
5
FB
Feedback voltage input. Connect FB to the midpoint of the external
feedback resistor divider to sense the output voltage. The device regulates
the FB voltage at 0.8V (typical) Feedback Reference Voltage.
6
COMP
Compensation node for the compensation of the regulation control loop.
Connect a series RC network from COMP to GND. In some cases, another
capacitor from COMP to GND may be required.
7
EN
Enable control input. A logic High (VEN > 1.35V) enables the device, and a
logic Low (VEN < 0.925V) shuts down the device, reducing the supply
current to 3
A or below. Connect EN pin to VIN pin with a 100k pull-up
resistor for automatic startup.
8
SS
Soft-start capacitor connection node. Connect an external capacitor from SS
to GND to set the soft-start time. Do not leave SS pin unconnected. A
capacitor of capacitance from 10nF to 100nF is recommended, which can
set the soft-start time from 1.33ms to 13.3ms, accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com